Electronic Components Datasheet Search
  English  ▼

X  

TH7122 Datasheet(PDF) 28 Page - Melexis Microelectronic Systems

Part # TH7122
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7122 Datasheet(HTML) 28 Page - Melexis Microelectronic Systems

Back Button TH7122 Datasheet HTML 24Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 25Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 26Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 27Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 28Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 29Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 30Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 31Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 32Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
TH7122
27 to 930MHz
FSK/FM/ASK Transceiver
39010 07122
Page 28 of 44
Data Sheet
Rev. 008
June/07
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Digital pin characteristics
Pull-down Resistor
pins IN_DTA , RE/SCLK,
TE/SDTA
RPD
70
120
220
k
Ω
Low level input leakage current
pins IN_DTA, ASK/FSK,
RE/SCLK, TE/SDTA, FS0/SDEN,
FS1/LD
IIL
IINL_FS1/LD only
in Stand-alone user
mode
-2
μA
High level input leakage current
pins ASK/FSK, FS0/SDEN,
FS1/LD
IIH
IINH_FS1/LD only
in Stand-alone user
mode
2
μA
Analog pin characteristics
MOS switch On resistance
FSK_SW pin
RON
Transmit mode,
if Reg. DTAPOL = 0:
IN_DTA = 0
if Reg. DTAPOL = 1:
IN_DTA = 1
10
30
M
Ω
MOS switch Off resistance
FSK_SW pin
ROFF
Transmit mode,
if Reg. DTAPOL = 0:
IN_DTA = 1
if Reg. DTAPOL = 1:
IN_DTA = 0
1
M
Ω
Peak detector pull-up current
INT2/PDO pin
IPU_PDO
ASK Receive mode,
Reg. PKDET = 1
VOUT_DEM > VINT2/PDO
-1.1
mA
Peak detector leakage current
INT2/PDO pin
IL_PDO
ASK Receive mode,
Reg. PKDET = 1
VOUT_DEM =< VINT2/PDO
-2
2
μA
OA input offset voltage
VOS
Receive mode
-25
25
mV
Voltage threshold for high to low
LNA gain transition
GAIN_LNA pin
VGAIN_HL
Receive mode,
Reg. LNACTRL = 0,
Reg. LNAHYST = 1
1.0
1.3
1.6
V
Voltage threshold for low to high
LNA gain transition
GAIN_LNA pin
VGAIN_LH
Receive mode,
Reg. LNACTRL = 0,
Reg. LNAHYST = 1
1.3
1.6
1.9
V
RSSI characteristics
RSSI voltage at low IFA
input level
VL_RSSI
Receive mode,
VIN_IFA = 100μV
(CW, 10.7MHz)
0.95
V
RSSI voltage at high IFA
input level
VH_RSSI
Receive mode,
VIN_IFA = 100mV
(CW, 10.7MHz)
1.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com