Electronic Components Datasheet Search
  English  ▼

X  

TH8055 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8055 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  TH8055 Datasheet HTML 1Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 2Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TH8055
Single Wire CAN Transceiver
2. Functional Description
2.1
2.2
TxD Input Pin
TxD Polarity
TxD = logic 1 (or floating) on this pin produce an undriven or recessive bus state (low bus voltage)
TxD = logic 0 on this pin produce either a bus normal or a bus high voltage dominant state depending on the
transceiver mode state (high bus voltage)
If the TxD pin is driven to a logic low state while the sleep mode (Mode0=0 and Mode1=0) is activated, the
transceiver not drive the CANH pin to the dominant state.
The transceiver provides an internal pull up current on the TxD pin which will cause the transmitter to default
to the bus recessive state when TxD is not driven.
TxD input signals are standard CMOS logic levels.
Timeout Feature
In case of a faulty blocked dominant TxD input signal the CANH output is switched off automatically after the
specified TxD timeout reaction time to prevent a dominant bus.
The transmission is continued by next TxD L to H transition without delay.
Mode 0 and Mode 1 pins
The transceiver provides a weak internal pull down current on each of these pins which causes the
transceiver to default to sleep mode when they are not driven. The mode input signals are standard CMOS
logic level.
M0
M1
Mode
L
L
Sleep mode
H
L
High speed mode
L
H
Wake up
H
H
Normal mode
Sleep Mode
Transceiver is in low power state, waiting for wake up via high voltage signal or by mode pins change to any
state other than 0,0. In this state, the CANH pin is not in the dominant state regardless of the state of the
TxD pin.
High Speed Mode
This mode allows high speed download with bitrates up to 100Kbit/s. The output waveshaping circuit is
disabled in this mode. Bus transmitter drive circuits for those nodes which are required to communicate in
high speed mode are able to drive reduced bus resistance in this mode (see Table Static Characteristics).
High speed communications shall utilize the normal mode signal voltage levels as specified in Static
Characteristics.
TH8055 - Datasheet
Page 4 of 20
3901008055
May 2004
Rev 005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com