Electronic Components Datasheet Search
  English  ▼

X  

TH8055 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8055 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH8055 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8055 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TH8055
Single Wire CAN Transceiver
3.6
Timing Diagrams
tT
VRxD
VCANH
VTxD
30%
70%
tD
tDR
50%
50%
tR
tF
t
t
t
Figure 2 - Input/Output Timing
VRxD
VCANH
twu
t
t
VIHWU
VIH
tWU < tWUF
tWU
tWUF
wake up
interrupt
Figure 3 - Wake Up Filter Time Delay
TH8055 - Datasheet
Page 12 of 20
3901008055
May 2004
Rev 005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com