Electronic Components Datasheet Search
  English  ▼

X  

TH8061 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH8061
Description  Voltage Regulator with integrated LIN Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8061 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH8061 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 16Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TH8061
Voltage Regulator with integrated LIN Transceiver
3. Functional Description
The TH8061 consists of a low drop voltage regulator 5V/50mA and a LIN bus transceiver, which is a bi-
directional bus interface for data transfer between LIN bus and the LIN protocol controller.
Additionally integrated is a RESET output with a reset delay of 100ms and a fixed threshold of 4.65V.
3.1
Operating Modes
The TH8061 provides two main operating modes “normal” and “sleep” and the intermediate states “POR”,
“Ini-state” and “thermal shutdown”. The main modes are fixed states defined by basic actions (VSUP start,
EN or wake-up). The intermediate states are soft states. They aren’t defined by logical actions but by
changes of voltage (VSUP, VCC) or junction temperature.
Ini-state
VCC > VRES (4.65V)
EN=H
Sleep-
Mode
EN= H/L
VSUP > UVR_OFF &
(EN= L/H or BUS Wake-up)
EN=L
VSUP > UVR_OFF
VSUP < UVR_ON
VSUP < UVR_ON
VCC < VRES
TJ > TJREC
normal mode &
TJ < TJREC
normal mode &
TJ > TJSHD
sleep mode &
TJ > TJSHD
sleep mode &
TJ < TJREC
clear reset timer
Regulator On -> VCC ramp up
RESET = L
Wake-up disabled
Regulator on
RESET = L after 100ms
RESET=H
Wake-up disabled
LIN-Transceiver on
Regulator off
Wake-up disabled
LIN-Transceiver off
Normal-
Mode
thermal
shutdown
Regulator off
Wake-up enabled (LIN-Receiver on)
LIN-Transmitter off
VSUP power on
clear all state-FF
POR
Figure 10 - State diagram of operating modes
TH8061 – Datasheet
Page 13 of 36
3901008061
June 2004
Rev 007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com