Electronic Components Datasheet Search
  English  ▼

X  

TH8061 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # TH8061
Description  Voltage Regulator with integrated LIN Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8061 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button TH8061 Datasheet HTML 17Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 18Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 19Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 20Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 21Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 22Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 23Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 24Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TH8061
Voltage Regulator with integrated LIN Transceiver
Figure 19 - RIN characteristics of EN-input
The wide input voltage range allows different EN control possibilities. If the EN input is connected to an
CMOS output of the MCU, a falling edge switches the TH8061 into sleep mode (the regulator is also
switched off). The wake up is only possible via the bus line.
TH8061
VSUP
EN
GND
BUS
VCC
RESET
RxD
TxD
VBAT
220p
CIN
+5V
Cload
MCU
LIN-
BUS
Figure 20 - EN controlled via MCU
If the application don’t needs the wake up capability of the TH8061 a direct connection EN to VSUP is
possible. In this case the TH8061 operates in permanent normal mode. Also possible is the external (outside
of the module) control of the EN line via a VBAT signal.
TH8061
VSUP
EN
GND
BUS
VCC
RESET
RxD
TxD
VBAT
220p
CIN
+5V
Cload
MCU
LIN-
BUS
Figure 21 - Permanent normal mode
TH8061 – Datasheet
Page 21 of 36
3901008061
June 2004
Rev 007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com