Electronic Components Datasheet Search
  English  ▼

X  

TH71102 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH71102
Description  315/433MHz FSK/FM/ASK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71102 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH71102 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TH71102
315/433MHz
FSK/FM/ASK Receiver
39010 71102
Page 1 of 22
Data Sheet
Rev. 013
June/07
Features
! Double-conversion superhet architecture for high degree of image rejection
! FSK for digital data and FM reception for analog signal transmission
! FSK/FM demodulation with phase-coincidence demodulator
! Low current consumption in active mode and very low standby current
! Switchable LNA gain for improved dynamic range
! RSSI allows signal strength indication and ASK detection
! 32-pin Low profile Quad Flat Package (LQFP)
Ordering Information
Part Number
Temperature Code
Package Code
Delivery Form
TH71102
E (-40 °C to 85 °C)
NE (LQFP32)
250 pc/tray
2000 pc/T&R
Application Examples
" General digital data transmission
" Tire Pressure Monitoring Systems (TPMS)
" Remote Keyless Entry (RKE)
" Wireless access control
" Alarm and security systems
" Garage door openers
" Remote Controls
" Home and building automation
! Low-power telemetry systems
Pin Description
General Description
The TH71102 FSK/FM/ASK double-conversion superheterodyne receiver IC is designed for applications in
the European 433 MHz industrial-scientific-medical (ISM) band, according to the EN 300 220
telecommunications standard. It can also be used for any other system with carrier frequencies ranging from
260 MHz to 510 MHz (e.g. for applications according to FCC part 15 and ARIB STD-T67).
VEE_RO
RO
ENRX
VEE_LNA
IN_LNA
VCC_LNA
LF
VCC_PLL
OUT_IFA
FBC1
FBC2
IN_IFA
VEE_IF
OUT_MIX2
VCC_IF
1
32
8
9
24
25
TH71102
17
16


Similar Part No. - TH71102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
FSK/FM/ASK Receiver
More results

Similar Description - TH71102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
UHF ASK/FSK/FM Receiver
2003
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
FSK/FM/ASK Receiver
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
FSK /FM/ASK Receiver
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
315/433MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
FSK/FM/ASK Receiver
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
433MHz FSK/ASK Transmitter
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
315/433MHz FSK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com