Electronic Components Datasheet Search
  English  ▼

X  

TH71102 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # TH71102
Description  315/433MHz FSK/FM/ASK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71102 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  TH71102 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TH71102
315/433MHz
FSK/FM/ASK Receiver
39010 71102
Page 3 of 22
Data Sheet
Rev. 013
June/07
1
Theory of Operation
1.1
General
With the TH71102 receiver chip, various circuit configurations can be arranged in order to meet a number of
different customer requirements. For FM/FSK reception the IF tank used in the phase coincidence
demodulator can also be constituted by a ceramic discriminator with a varactor diode to create an AFC
circuit. In ASK configuration, the RSSI signal is fed to an ASK detector, which is constituted by the
operational amplifier.
The superheterodyne configuration is double conversion where MIX1 and MIX2 are driven by the internal
local oscillator signals LO1 and LO2, respectively. This allows a high degree of image rejection, achieved in
conjunction with an RF front-end filter. Efficient RF front-end filtering is realized by using a SAW, ceramic or
helix filter in front of the LNA and by adding an LC filter at the LNA output.
A single-conversion variant, called TH71101, is also available. Both Receiver ICs have the same die. At the
TH71101 the second mixer MIX2 operates as an amplifier.
The TH71102 receiver IC consists of the following building blocks:
#
PLL synthesizer (PLL SYNTH) for generation of the first and second local oscillator signals LO1 and
LO2, parts of the PLL SYNTH are: the high-frequency VCO1, the feedback dividers DIV_8 and DIV_2,
a phase-frequency detector (PFD) with charge pump (CP) and a crystal-based reference oscillator (RO)
#
Low-noise amplifier (LNA) for high-sensitivity RF signal reception
#
First mixer (MIX1) for down-conversion of the RF signal to the first IF (IF1)
#
Second mixer (MIX2) for down-conversion of the IF1 to the second IF (IF2)
#
IF amplifier (IFA) to amplify and limit the IF2 signal and for RSSI generation
#
Phase coincidence demodulator (DEMOD) with third mixer (MIX3) to demodulate the IF signal
#
Operational amplifier (OA) for data slicing, filtering and ASK detection
#
Bias circuitry for bandgap biasing and circuit shutdown
1.2
Technical Data Overview
! Input frequency range: 260 MHz to 510 MHz
! Power supply range: 2.3 V to 5.5 V @ ASK
! Temperature range: -40 °C to +85 °C
! Standby current: 50 nA
! Operating current: 6.5 mA @ low gain mode
8.2 mA @ high gain mode
! Sensitivity: -113 dBm @ ASK 1)
-107 dBm @ FSK 2)
! Maximum data rate: 260 kbps NRZ @ ASK
180 kbps NRZ @ FSK
! Range of IF1: 10 MHz to 80 MHz
! Range of IF2: 400 kHz to 22 MHz
! Maximum input level: -10 dBm @ ASK
0 dBm @ FSK
! Image rejection: > 65 dB (e.g. with 433.92 MHz
SAW front-end filter and at 10.7 MHz IF2)
! Spurious emission: < -70 dBm
! Input frequency acceptance range: up to
±100 kHz
! RSSI range: 70 dB
! FM/FSK deviation range:
±2.5 kHz to ±80 kHz
! Maximum analog modulation frequency: 15 kHz
1) at 4 kbps NRZ, BER = 3
⋅10-3, 180 kHz IF filter BW, without SAW front-end-filter loss
2)
at 4 kbps NRZ, BER = 3
⋅10-3, ± 20 kHz FSK deviation, 180 kHz IF filter BW, without SAW front-end-filter loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com