Electronic Components Datasheet Search
  English  ▼

X  

TH71102 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # TH71102
Description  315/433MHz FSK/FM/ASK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71102 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button TH71102 Datasheet HTML 14Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 15Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 16Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 17Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 18Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 19Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 20Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 21Page - Melexis Microelectronic Systems TH71102 Datasheet HTML 22Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
TH71102
315/433MHz
FSK/FM/ASK Receiver
39010 71102
Page 19 of 22
Data Sheet
Rev. 013
June/07
4.4.2
ASK Component List
Part
Size
Value
@ 433.92 MHz
Tolerance
Description
C1
0805
27 pF
±5%
crystal series capacitor
C3
0805
1 nF
±10%
loop filter capacitor
C6
0603
4.7 pF
±5%
LNA output tank capacitor
C7
0603
2.2 pF
±5%
MIX1 input matching capacitor
C8
0603
27 pF
±5%
IF1 tank capacitor
C9
0805
33 nF
±10%
IFA feedback capacitor
C10
0603
1 nF
±10%
IFA feedback capacitor
C11
0603
1 nF
±10%
IFA feedback capacitor
C16
0603
1.5 nF
±10%
RSSI output low-pass capacitor,
this value for data rates < 10 kbps NRZ
C17
0805
10 nF
±10%
data slicer capacitor, this value for data rates > 0.8 kbps NRZ
R1
0805
10 k
Ω
±5%
loop filter resistor
R2
0603
330
Ω
±5%
optional CERFIL output matching resistor
R4
0603
330 k
Ω
±5%
data slicer resistor
L1
0603
68 nH
±5%
L2
0603
82 nH
±5%
SAW filter matching inductor from Würth-Elektronik
(WE-KI series), or equivalent part
L3
0603
15 nH
±5%
LNA output tank inductor from Würth-Elektronik (WE-KI series),
or equivalent part
L4
0603
100 nH
±5%
L5
0603
100 nH
±5%
IF1 tank inductor from Würth-Elektronik (WE-KI series)
or equivalent part
XTAL
SMD
6x3.5
23.51222 MHz
@ RF = 433.92 MHz
±25ppm cal.
±30ppm temp.
fundamental-mode crystal from
Telcona/Horizon or equivalent part
SAWFIL
SMD
3x3
SAFCC433MBL0X00
(f0 = 433.92 MHz)
B3dB = 840 kHz
low-loss SAW filter from Murata, or equivalent part
SMD
3.45x3.1
SFECF10M7HA00
B3dB = 180 kHz
ceramic filter from Murata, or equivalent part
CERFIL
Leaded
type
SFVLA10M7LF00
B3dB = 80 kHz
optional, ceramic filter from Murata, or equivalent part
• For component values for other frequencies, please refer to the EVB descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com