Electronic Components Datasheet Search
  English  ▼

X  

US169ESE Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # US169ESE
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US169ESE Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  US169ESE Datasheet HTML 1Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 2Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 3Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 4Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 5Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 6Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 7Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 8Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
US168 / US169
Low Noise & Low voltage
Single-Coil Fan/Motor Driver
390109027901
Page 4 of 13
Data Sheet
Rev 001
July/06
6 General Electrical Specifications
Operating Parameters at TA = 25
oC, V
DD = 3V / 5V (unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
1.8
-
6.5
V
Supply Current
IDD
No load on OUT1/OUT2
1.3
2.5
mA
TA = 25°C
2.2
3.8
Ω
VDD = 5V
TA = 85°C
2.7
4.7
Ω
TA = 25°C
2.7
4.7
Ω
Output ON Resistance (Full Bridge) RON
VDD = 3V
TA = 85°C
3.3
5.9
Ω
FG / RD Output Low Voltage
VOL
IOL = 4mA
0.35
0.5
V
FG / RD Output Leakage Current
ILEAK
VDD = 6.5V
10
A
FG / RD Output Current Limit
IFGLIM
VDD = 5V
16
mA
Soft Switching Threshold Voltage
VDDsw
1.8
2.5
V
Output Switching Slope Duration
TSW
VDD = 5V
150
µs
Output Switching Slope Duration
TSW
VDD = 3V
230
µs
Locked Rotor ON Time
TON
0.4
s
Locked Rotor OFF Time
TOFF
2.4
s
Thermal Protection Shutdown
TSD
Note 2
160
°C
Thermal Protection Release
TREL
Note 2
130
°C
Thermal Protection Hysteresis
THYST
Note 2
30
°C
Sensing Propagation Delay
(3)
TSENSE
37
µs
Multi-layer JEDEC test board
195
Package Thermal Resistance
RTH
1-layer JEDEC test board
301
°C/Watt
`Table 3: Electrical specifications
Note 2: Guarantied by design
Note 3: The sensing propagation delay represents the delay from the magnetic field change (B>BOP or B<BRP) to the beginning of
the output change.
7 Magnetic Specifications
DC Operating Parameters at TA = 25
oC, V
DD = 3V / 5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operate point
BOP
0
3
5
mT
Release point
BRP
-5
-3
0
mT
Hysteresis
BHYST
2
6
10
mT
Table 4: Magnetic specifications
8 Outputs Behaviour vs. Magnetic Pole
Parameter
Test conditions
OUT1
OUT2
FG
South pole
B > BOP
High
Low
Low
North pole
B < BRP
Low
High
High
Table 5: Outputs behaviour vs. magnetic pole
Note : The magnetic pole is applied facing the branded side of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com