Electronic Components Datasheet Search
  English  ▼

X  

US169ESE Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # US169ESE
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US169ESE Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button US169ESE Datasheet HTML 4Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 5Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 6Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 7Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 8Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 9Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 10Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 11Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
US168 / US169
Low Noise & Low voltage
Single-Coil Fan/Motor Driver
390109027901
Page 8 of 13
Data Sheet
Rev 001
July/06
11.7 IDD vs. VDD
0
0.5
1
1.5
0
1
2
3
4
5
6
7
VDD (Volts)
Ta = -40°C
Ta = 25°C
Ta = 85°C
Ta = 125°C
11.8 VOL vs. TA
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
120
Ta (°C)
VDD=3V ; Iol=4mA
VDD=5V ; Iol=4mA
11.9 Power dissipation graph
0
0.1
0.2
0.3
0.4
0.5
0.6
-40
-20
0
20
40
60
80
100
120
140
Ta (°C)
Single Layer PCB
Pmax = 332mW
Mutli Layer PCB
Pmax = 512mW
RTH 1S = 301°C/W
RTH 1S2P = 195°C/W
TA = 25°C
TA max = 85°C
TJ max = 125°C
The thermal resistance and rated power dissipation are defined in
accordance with EIA/JESD51-3 standard for single layer 1S test
board and EIAJESD51-7 standard for multi layer 1S2P test board.
11.10 Recommended maximum
continuous output current vs. VDD
1.8V, 80mA
3V, 300mA
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
VDD (Volts)
Single Layer PCB, Ta=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com