Electronic Components Datasheet Search
  English  ▼

X  

US169ESE Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US169ESE
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US169ESE Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US169ESE Datasheet HTML 1Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 2Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 3Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 4Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 5Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 6Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 7Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 8Page - Melexis Microelectronic Systems US169ESE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
US168 / US169
Low Noise & Low voltage
Single-Coil Fan/Motor Driver
390109027901
Page 3 of 13
Data Sheet
Rev 001
July/06
3 Glossary of Terms
Gauss, milliTesla (mT),
Units of magnetic flux density :
10 Gauss = 1mT
Single-coil motor
DC motor with only one coil driven by a Full-Bridge.
Full-Bridge (H-Bridge)
Two push-pull output drivers that can source or sink current.
Peak output current
The current flowing in the coil at start-up, only limited by the coil resistance
RCOIL and the output driver resistance RDSON.
Continuous output current
Average absolute value of the output current when the fan is spinning
Locked rotor
The state when the fan is not spinning due to mechanical blockage.
FG
Frequency Generator
RD
Rotation Detection
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
-7 to 7
V
Voltage on FG (RD) pin
VFG (VRD)
-6 to 7
V
Peak Output Current
IOUTp
500
mA
Multi-layer (1S2P) PCB
IOUTc
350
mA
Continuous Output Current
Single-layer (1S0P) PCB
IOUTc
300
mA
Operating Temperature Range
TA
-40 to 85
°C
Junction Temperature
TJ
125
°C
Storage Temperature Range
TS
-50 to 150
°C
Magnetic Flux Density
B
Unlimited
mT
ESD Sensitivity (Global) (1)
-
1500
V
ESD Sensitivity on all pins except FG/RD (1)
-
5000
V
Table 1: Absolute maximum ratings
Note 1: Human Body Model according JESD22-A114 standard – 100pF capacitor discharged through 1.5kΩ resistor into each pin.
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
5 Pin Definitions and Descriptions
Pin Number
Pin Name
Function
1
OUT1
Coil Driver 1
2
GND
Ground pin
3
VDD
Power Supply pin
4
FG (RD)
Tachometer (Alarm) open drain output
5
OUT2
Coil Driver 2
Table 2: Pin description US168 (US169)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com