Electronic Components Datasheet Search
  English  ▼

X  

MBRB20150 Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # MBRB20150
Description  150V/20A Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

MBRB20150 Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  MBRB20150 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. MBRB20150 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. MBRB20150 Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBRB20150
www.hxkj.hk
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 1 of 3
Features
·Low forward voltage drop, low power losses
·High efficiency operation
·For surface mounted applications
·Complies with Flammability Classification 94V-0
Applications
switching power supplies
·
freewheeling diodes OR-ing diode
·
DC/DC converters and reverse battery protection
·
V
= 150 V
R R M
(
)
I
=20A T
≤100
(
)
F AV
C
°C
(
)
V = 0.57 V at I = 5 A T =125
F
F
J
°C
Pin1 NC
Pin3
2
(
)
Package TO-263
D PAK
1-NC
3
2
150V/20A Schottky Barrier Rectifier
Pin2
Mechanical Data
·Case :Molded plastic body
·Terminals : Solder plated, solderable per
MIL-STD-750,Method 2026
Maximum Ratings
°C
(
)
T =25
unless otherwise specified
J
V
V
Unit
150
105
150
140
-55 ~ +150
MBRB20150
V
°C
A
55
A
20
Parameter
Max. Repetitive peak reverse voltage
Max. RMS Voltage
Max. DC blocking voltage
Operating Junction and Storage Temperature
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Junction to Case Thermal Resistance
Max. Average forward rectified current at T =100°C
C
VRRM
VRMS
VDC
T ,T
J
S T G
Symbols
IFSM
I ( )
F AV
RθJC
°C/W
Junction to Ambient Thermal Resistance
2.0
RθJA
Notes: Pulse test -Pulse width
≤ 20 ms
Electrical Characteristics
°C
(
)
T =25
unless otherwise specified
A
Unit
TYP
1.24
Parameter
Instantaneous forward voltage at T =25°C
J
Symbols
VF
MAX
Reverse current at T =25°C
J
IR
V
I =20A
F
I =10A
F
I =5A
F
1.60
0.87
0.72
0.77
V
I =20A
F
I =10A
F
I =5A
F
0.84
0.65
0.57
Instantaneous forward voltage at T =125°C
J
VF
Reverse current at T =125°C
J
V =150V
R
mA
0.2
20


Similar Part No. - MBRB20150

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
MBRB20150ACT SMCDIODE-MBRB20150ACT Datasheet
213Kb / 4P
MBRB20150ACT SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
MBRB20150CT SMC-MBRB20150CT Datasheet
246Kb / 7P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB20150CT DIODES-MBRB20150CT Datasheet
333Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
GOOD-ARK Electronics
MBRB20150CT GOOD-ARK-MBRB20150CT Datasheet
503Kb / 7P
Product Specification
logo
Jiangsu Changjiang Elec...
MBRB20150CT JIANGSU-MBRB20150CT Datasheet
1Mb / 4P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRB20150

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
PFC Device Inc.
P20150E PFC-P20150E Datasheet
650Kb / 6P
20A 150V MOS Schottky Rectifier
PFR20L150CT PFC-PFR20L150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PFR20V150CT PFC-PFR20V150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PT20A150SP PFC-PT20A150SP Datasheet
723Kb / 5P
20A 150V HPTR Schottky Rectifier
PFR20150CT PFC-PFR20150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PTR20H150CT PFC-PTR20H150CT Datasheet
777Kb / 7P
20A 150V HPTR짰 Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD20S150SL LUGUANG-SD20S150SL Datasheet
1Mb / 4P
20A/150V Low VF Schottky Rectifier
Revision:20181101-P1
logo
Nanjing International G...
SR20150CT DGNJDZ-SR20150CT Datasheet
1Mb / 7P
20A 150V SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com