Electronic Components Datasheet Search
  English  ▼

X  

MBRB20150 Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # MBRB20150
Description  150V/20A Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

MBRB20150 Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  MBRB20150 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. MBRB20150 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. MBRB20150 Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Information
BACK VIEW
HEAT-SINK PLANE
E
e
A
b1
L
A
c1
c
TO-263 Package Outline Dimension
A1
2
×b
UNIT: mm
Symbol
A
4.83
4.06
b
c
c1
D
E
e
L
L1
MIN
NOM
MAX
4.60
0.94
0.69
0.81
0.51
0.36
0.38
1.40
1.14
1.27
9.50
8.60
9.00
10.6
9.65
10.1
7.0
5.08 BSC
H
15.8
14.6
15.1
2.6
2.0
2.2
1.40
1.19
1.26
8.5
7.8
L2
7.00
8.10
7.50
b1
A1
0.02
Recommended Solder Pad Layout
UNIT: mm(inches)
10.2( 0.400)
5.08( 0.200)
4.06×1.27
(0.160×0.050)
www.hxkj.hk
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com