Electronic Components Datasheet Search
  English  ▼

X  

MBRB20150 Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # MBRB20150
Description  150V/20A Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

MBRB20150 Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  MBRB20150 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. MBRB20150 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. MBRB20150 Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
10
100
Number of cycles
0
100
50
200
150
Peak forward surge current
8.3ms single half sine-wave
Fig.1 Maximum Forward Current Derating Curve
0
10
5
(
)
Case Temperature -T
°C
C
15
25
20
30
75
125
175
150
100
50
25
0
Mounted on Specific Heatsink
Resistive or Inductive Load
( )
Instantaneous Forward Voltage- V V
F
FIG.2 Typical Instantaneous Forward Characteristics
100
10
1
0.1
1.4
0.4
1.0
0.6
0.2
1.6
0
0.8
1.2
T =25
°C
J
T =100
°C
J
T =150
°C
J
www.hxkj.hk
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 2 of 3
Fig.4 Maximum Non-Repetitive Peak
Forward Surage Current
Fig.5 Typical Junction Capacitance vs. VR
1E1
1E2
1E3
1E4
1E-1
1E0
1E1
1E2
T =25
°C
J
f =1MHz
Pulse Duration
-t (sec)
p
Fig.6 Typical Transient Thermal Impedance
0.1
1
10
1E-2
1E-1
1E0
1E2
1E1
Junction to Case
Typical Performance
20
40
60
80
100
Percent of Rated Peak Reverse Voltage -(%)
0
T =25
°C
J
T =100
°C
J
T =125
°C
J
T =125
°C
J
Fig.3 Typical Reverse Characteristics
1E-1
1E0
1E1
1E2
1E3
1E4
1E5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com