Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 1 Page - Hirose Electric

Part # FX23L
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 1 Page - Hirose Electric

  FX23L Datasheet HTML 1Page - Hirose Electric FX23L Datasheet HTML 2Page - Hirose Electric FX23L Datasheet HTML 3Page - Hirose Electric FX23L Datasheet HTML 4Page - Hirose Electric FX23L Datasheet HTML 5Page - Hirose Electric FX23L Datasheet HTML 6Page - Hirose Electric FX23L Datasheet HTML 7Page - Hirose Electric FX23L Datasheet HTML 8Page - Hirose Electric FX23L Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FX23/FX23L Series
High Speed Transmission, 0.5mm Pitch
Board-to-Board Floating Connectors
Jul. 2023
Product Page
https://www.hirose.com/en/product/compare?searchType=series&targets=FX23%2CFX23L


Similar Part No. - FX23L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX23L HIROSE-FX23L Datasheet
996Kb / 20P
High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
logo
PANDUIT CORP.
FX23L1N1NN PANDUIT-FX23L1N1NN Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
FX23L1N1NO PANDUIT-FX23L1N1NO Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
FX23L1N1NS PANDUIT-FX23L1N1NS Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
FX23L1N3NN PANDUIT-FX23L1N3NN Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
More results

Similar Description - FX23L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
0.5mm Pitch Board to Board Connector
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
0.5mm Pitch Board to Board Connector
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
Hirose Electric
FX16 HIROSE-FX16 Datasheet
1Mb / 24P
0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
FX23 HIROSE-FX23 Datasheet
996Kb / 20P
High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com