Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 2 Page - Hirose Electric

Part # FX23L
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 2 Page - Hirose Electric

  FX23L Datasheet HTML 1Page - Hirose Electric FX23L Datasheet HTML 2Page - Hirose Electric FX23L Datasheet HTML 3Page - Hirose Electric FX23L Datasheet HTML 4Page - Hirose Electric FX23L Datasheet HTML 5Page - Hirose Electric FX23L Datasheet HTML 6Page - Hirose Electric FX23L Datasheet HTML 7Page - Hirose Electric FX23L Datasheet HTML 8Page - Hirose Electric FX23L Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
Features
1. Pitch: 0.5mm
2. Connection Type:
Stacking (Height 8 to
30mm)/Right Angle
3. Positions Available:
20/40/60/80/100/120 for
signal + 4 pins for power
4. Floating Range
: X Direction: ±0.6mm
: Y Direction: ±0.6mm
A floating movement above the connector pitch is
possible.
Right Angle Connection
Parallel Connection
X
Y
X
Y
X
Y
Floating Range: ±0. 6mm in the X and Y directions
5. High Speed Transmission
(8+Gbps)
6. Hybrid Power Design
(3A/pin×4 lines)
The guide posts on both sides of the connector
are equipped with 4 lines of power contacts in
addition to signal contacts.
Header Side
Receptacle Side
Signal Contact
Power Contact
Hybrid Power/ Signal Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com