Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 21 Page - Hirose Electric

Part # FX23L
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 21 Page - Hirose Electric

Back Button FX23L Datasheet HTML 17Page - Hirose Electric FX23L Datasheet HTML 18Page - Hirose Electric FX23L Datasheet HTML 19Page - Hirose Electric FX23L Datasheet HTML 20Page - Hirose Electric FX23L Datasheet HTML 21Page - Hirose Electric FX23L Datasheet HTML 22Page - Hirose Electric FX23L Datasheet HTML 23Page - Hirose Electric FX23L Datasheet HTML 24Page - Hirose Electric FX23L Datasheet HTML 25Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
Part No.
Packing Quantity
(pcs/tray)
A
B
C
D
FX23-20S-0.5SV
84
50
225
37.5
15
FX23-40S-0.5SV
84
50
225
37.5
15
FX23-60S-0.5SV
84
50
225
37.5
15
FX23-80S-0.5SV
72
47.5
230
46
15
FX23-100S-0.5SV
72
47.5
230
46
15
FX23-120S-0.5SV
60
52.5
220
55
15
FX23-20S-0.5SV10
84
50
225
37.5
25.2
FX23-40S-0.5SV10
84
50
225
37.5
25.2
FX23-60S-0.5SV10
84
50
225
37.5
25.2
FX23-80S-0.5SV10
72
47.5
230
46
25.2
FX23-100S-0.5SV10
72
47.5
230
46
25.2
FX23-120S-0.5SV10
60
52.5
220
55
25.2
Unit : mm
Note : Order tray packaging in multiples of purchase unit.
●
Right Angle Receptacle
FX23-120S-0.5SH
A
>PS<
QTY. 60
(P=C)
(A)
(B)
(325)
(15.3)
Part No.
Packing Quantity
(pcs/tray)
A
B
C
FX23-20S-0.5SH
84
50
225
37.5
FX23-40S-0.5SH
84
50
225
37.5
FX23-60S-0.5SH
84
50
225
37.5
FX23-80S-0.5SH
72
50
225
45
FX23-100S-0.5SH
72
47.5
230
46
FX23-120S-0.5SH
60
52.5
220
55
Unit : mm
Note : Order tray packaging in multiples of purchase unit.
●
Straight Receptacle
QTY. 60
>PS<
A
FX23-120S-0.5SV
(D)
(325)
(B)
(P=C)
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com