Electronic Components Datasheet Search
  English  ▼

X  

240DI45 Datasheet(PDF) 5 Page - Opto 22

Part # 240DI45
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

240DI45 Datasheet(HTML) 5 Page - Opto 22

  240DI45 Datasheet HTML 1Page - Opto 22 240DI45 Datasheet HTML 2Page - Opto 22 240DI45 Datasheet HTML 3Page - Opto 22 240DI45 Datasheet HTML 4Page - Opto 22 240DI45 Datasheet HTML 5Page - Opto 22 240DI45 Datasheet HTML 6Page - Opto 22 240DI45 Datasheet HTML 7Page - Opto 22 240DI45 Datasheet HTML 8Page - Opto 22 240DI45 Datasheet HTML 9Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
5
120/240/380 Volt (cont.)
Surge Current Data
Connection Diagram, AC Power Series
Thermal Ratings
Time
(Seconds)
Time*
(Cycles)
3-Amp
Peak
Amps
10-Amp
Peak
Amps
25-Amp
Peak
Amps
45-Amp
Peak
Amps
0.017
1
85
110
250
650
0.050
3
66
85
175
420
0.100
6
53
70
140
320
0.200
12
45
60
112
245
0.500
30
37
50
80
175
1
60
31
40
67
134
2
120
28
33
53
119
3
180
27
32
49
98
4
240
26
31
47
95
5
300
25
30
45
91
10
600
24
28
42
84
Note: *60 HZ.
Mounted on a heat sink with
2 °C/watt rating
Mounted on a heat sink with
1 °C/watt rating
Side view: Part numbers
DC60S3, 120D3, and
240D3 only
Side view: All other
part numbers
+
3-32VDC Control
Dimensional Drawings
NOTE: All dimensions are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com