Electronic Components Datasheet Search
  English  ▼

X  

240DI45 Datasheet(PDF) 10 Page - Opto 22

Part # 240DI45
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

240DI45 Datasheet(HTML) 10 Page - Opto 22

Back Button 240DI45 Datasheet HTML 6Page - Opto 22 240DI45 Datasheet HTML 7Page - Opto 22 240DI45 Datasheet HTML 8Page - Opto 22 240DI45 Datasheet HTML 9Page - Opto 22 240DI45 Datasheet HTML 10Page - Opto 22 240DI45 Datasheet HTML 11Page - Opto 22 240DI45 Datasheet HTML 12Page - Opto 22 240DI45 Datasheet HTML 13Page - Opto 22 240DI45 Datasheet HTML 14Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
10
AC Power: MP and P Series (cont.)
Thermal Ratings
Dimensional Drawings
Surge Current Data
Time
(Seconds)
Time*
(Cycles)
2-Amp
Peak Amps
4-Amp
Peak Amps
0.017
1
20
85
0.050
3
18
66
0.100
6
15
53
0.200
12
11
45
0.500
30
9
37
160
8.5
31
2
120
8
28
3
180
7.5
27
4
240
7
26
5
300
6.5
25
10
600
6
24
Note: *60 Hz
NOTE: All dimensions are nominal.
Mounted on a heat sink with
2 °C/watt rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com