Electronic Components Datasheet Search
  English  ▼

X  

240DI45 Datasheet(PDF) 9 Page - Opto 22

Part # 240DI45
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

240DI45 Datasheet(HTML) 9 Page - Opto 22

Back Button 240DI45 Datasheet HTML 5Page - Opto 22 240DI45 Datasheet HTML 6Page - Opto 22 240DI45 Datasheet HTML 7Page - Opto 22 240DI45 Datasheet HTML 8Page - Opto 22 240DI45 Datasheet HTML 9Page - Opto 22 240DI45 Datasheet HTML 10Page - Opto 22 240DI45 Datasheet HTML 11Page - Opto 22 240DI45 Datasheet HTML 12Page - Opto 22 240DI45 Datasheet HTML 13Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
9
Printed Circuit Series Specifications
AC Power: MP and P Series
The MP Series packaging is designed with a minimum footprint to allow maximum relay density on the printed circuit board. The
P Series power relays provide low-profile for 0.5-inch (12.7 mm) center mounting on printed circuit boards. Operating
temperature: –40 °C to 100 °C.
Connnection Diagram
MP120D2
or P120D2
MP120D4
or P120D4
MP240D2
or P240D2
MP240D4
or P240D4
MP380D4
Nominal AC Line Voltage 120
120
240
240
380
Nominal Current Rating
Amps
2
4
244
1 cycle Surge (Amps)
Peak
20
85
20
85
85
Nominal Signal Input
Resistance (Ohms)
1000
1000
1000
1000
1000
Signal Pick-up Voltage
3VDC***
(24V allowed)
3VDC***
(24V allowed)
3VDC***
(24V allowed)
3VDC***
(24V allowed)
3VDC***
(24V allowed)
Signal Drop-out Voltage
1 VDC
1 VDC
1 VDC
1 VDC
1 VDC
Peak Repetitive Voltage
Maximum
600
600
600
600
800
Maximum Output Volt-
age Drop
1.6 volts
1.6 volts
1.6 volts
1.6 volts
1.6 volts
Off-State Leakage mA
Maximum**
5 mA
5 mA
5 mA
5 mA
5 mA
Operating Voltage
Range (Volts AC)
12–140
12–140
24–280
24–280
24–420
I2t Rating t=8.3 (ms)
2
30
2
30
30
Isolation Voltage
4,000 VRMS
4,000 VRMS
4,000 VRMS
4,000 VRMS
4,000 VRMS
θjc* °C/Watt
20
6.5
20
6.5
6.5
Dissipation Watts/Amp
1.2
1.2
1.2
1.2
1.2
Rating (Motor Load)
1 FLA at 120 VAC
6 LRA at 120 VAC
2.5 FLA at 240 VAC
6 LRA at 240 VAC
1 FLA at 120 VAC
15 LRA at 120 VAC
2.5 FLA at 240 VAC
15 LRA at 240 VAC
2.5 FLA at 380 VAC
15 LRA at 380 VAC
Notes:
θjc* = Thermal resistance from internal junction to base. Maximum internal junction temperature is 110 °C.
** Operating Frequency: 25 to 65 Hz (operates at 400 Hz with 6 times the offstate leakage)
*** = P Series 32 volts maximum.
*Control Current varies with control voltage. See “Control
Current Calculation” on page 17 for information.
NOTE: Part numbers ending in -17
are replacement parts only. Their
specifications are identical to the
same part number without the -17.
For example, P240D4-17 is identical
to P240D4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com