Electronic Components Datasheet Search
  English  ▼

X  

AMC0200R Datasheet(PDF) 17 Page - Texas Instruments

Part # AMC0200R
Description  AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200R Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC0200R Datasheet HTML 13Page - Texas Instruments AMC0200R Datasheet HTML 14Page - Texas Instruments AMC0200R Datasheet HTML 15Page - Texas Instruments AMC0200R Datasheet HTML 16Page - Texas Instruments AMC0200R Datasheet HTML 17Page - Texas Instruments AMC0200R Datasheet HTML 18Page - Texas Instruments AMC0200R Datasheet HTML 19Page - Texas Instruments AMC0200R Datasheet HTML 20Page - Texas Instruments AMC0200R Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
6.17 Typical Characteristics
at VDD1 = 5V, VDD2 = 3.3V, VREFIN = 3.3V, VINP = –250mV to 250mV, VINN = 0V, and fIN = 10kHz (unless otherwise
noted)
-350 -300 -250 -200 -150 -100 -50
0
50 100 150 200 250 300 350
Differential Input Voltage (mV)
0
0.5
1
1.5
2
2.5
3
3.5
G006
Figure 6-6. Output Voltage vs Input Voltage
-350 -300 -250 -200 -150 -100 -50
0
50 100 150 200 250 300 350
Differential Input Voltage(mV)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
TA = 125 C
TA = 25 C
TA = -40 C
G074
specified linear range
Total uncalibrated output error is defined as:((VOUT_Measured
– VOUT_Expected) / VREFIN) x 100 , where VOUT_Expected = VIN /
VClipping x VREFIN / 2 + VREFIN / 2, VREFIN = 3.3V and VClipping =
0.32V
Figure 6-7. Unadjusted Error vs Input Voltage
3
3.5
4
4.5
5
5.5
VDDx (V)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
vs VDD1
vs VDD2
G027
Figure 6-8. Input Offset Voltage vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
Device 1
Device 2
Device 3
G026
Figure 6-9. Input Offset Voltage vs Temperature
2.7
2.8
2.9
3
3.1
3.2
3.3
V
REFIN(V)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
TA = 125C
TA = 25C
TA = -40C
G080A
VDD2 = 3.3V
Figure 6-10. Input Offset Voltage vs VREFIN
3
3.5
4
4.5
5
5.5
V
REFIN(V)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
TA = 125C
TA = 25C
TA = -40C
G080B
VDD2 = 5.5V
Figure 6-11. Input Offset Voltage vs VREFIN
www.ti.com
AMC0300R, AMC0200R
SBASAR9 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AMC0300R AMC0200R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com