Electronic Components Datasheet Search
  English  ▼

X  

AMC0200R Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC0200R
Description  AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200R Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC0200R Datasheet HTML 20Page - Texas Instruments AMC0200R Datasheet HTML 21Page - Texas Instruments AMC0200R Datasheet HTML 22Page - Texas Instruments AMC0200R Datasheet HTML 23Page - Texas Instruments AMC0200R Datasheet HTML 24Page - Texas Instruments AMC0200R Datasheet HTML 25Page - Texas Instruments AMC0200R Datasheet HTML 26Page - Texas Instruments AMC0200R Datasheet HTML 27Page - Texas Instruments AMC0200R Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
7 Detailed Description
7.1 Overview
The AMC0x00R is a precision, galvanically isolated amplifier with a ±250mV, differential input and single-ended,
ratiometric output. The input stage of the device drives a second-order, delta-sigma (ΔΣ) modulator. The
modulator converts the analog input signal into a digital bitstream that is transferred across the isolation barrier
that separates the high-side from the low-side.
On the low-side, the received bitstream is processed by an analog filter that outputs a GND2-referenced,
single-ended signal at the OUT pin. This single-ended output signal is proportional to the input signal. The
full-scale output voltage of the isolated amplifier is equal to the voltage applied to the REFIN pin.
The SiO2-based, capacitive isolation barrier supports a high level of magnetic field immunity, as described in the
ISO72x Digital Isolator Magnetic-Field Immunity application note. The digital modulation used in the AMC0x00R
transmits data across the isolation barrier. This modulation, and the isolation barrier characteristics, result in high
reliability and high common-mode transient immunity.
7.2 Functional Block Diagram
ΔΣ Modulator
GND1
INP
INN
VDD1
Reference
20 MHz Oscillator
VDD2
OUT
REFIN
GND2
Analog Filter
1.44V
+
–
216kΩ
96kΩ
DAC
7.3 Feature Description
7.3.1 Analog Input
As shown in Figure 7-1, input of the AMC0x00R has a fully differential, switched-capacitor circuit with a dynamic
input impedance of 27.5kΩ.
The sampling capacitor is continuously charged and discharged with a frequency of 20MHz. With the S1
switches closed, CIND charges to the voltage difference across VINP and VINN. For the discharge phase, both S1
switches open first and then both S2 switches close. CIND discharges to approximately AGND + 0.8V during this
phase.
AMC0300R, AMC0200R
SBASAR9 – DECEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0300R AMC0200R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com