Electronic Components Datasheet Search
  English  ▼

X  

AFE10004RGETEP Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 5Page - Texas Instruments AFE10004RGETEP Datasheet HTML 6Page - Texas Instruments AFE10004RGETEP Datasheet HTML 7Page - Texas Instruments AFE10004RGETEP Datasheet HTML 8Page - Texas Instruments AFE10004RGETEP Datasheet HTML 9Page - Texas Instruments AFE10004RGETEP Datasheet HTML 10Page - Texas Instruments AFE10004RGETEP Datasheet HTML 11Page - Texas Instruments AFE10004RGETEP Datasheet HTML 12Page - Texas Instruments AFE10004RGETEP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 159 page
background image
5.6 Timing Requirements
all minimum and maximum specifications at TJ = –55℃ to +125℃ and all typical specifications at TJ = 25℃, VDD = 4.5V to
5.5V, VIO = 1.65V to 3.6V, positive output range: VCC = 4.5V to 5.5V, VSS = GND, negative output range: VSS = –11V to –4.5V,
VCC = GND, and DAC outputs unloaded (unless otherwise noted)
MIN
NOM
MAX
UNIT
I2C TIMING REQUIREMENTS
f(SCL)
I2C clock frequency
10
400
kHz
t(LOW)
SCL clock low period
1.3
µs
t(HIGH)
SCL clock high period
0.6
µs
t(HDSTA)
Hold time after repeated start condition.
After this period, the first clock is generated
0.6
µs
t(SUSTA)
Repeated start condition setup time
0.6
µs
t(SUSTO)
Stop condition setup time
0.6
µs
t(BUF)
Bus free time between stop and start condition
1.3
µs
t(SUDAT)
Data setup time
100
ns
t(HDDAT)
Data hold time
0
900
ns
tF,SDA
Data fall time
20
300
ns
tF,SCL
Clock fall time
300
ns
tR,SCL
Clock rise time
300
ns
tR,SCL100
Rise time for SCL ≤ 100kHz
1000
ns
SCL and SDA timeout
20
30
ms
SPI TIMING REQUIREMENTS, VIO = 2.7V to 3.6V
f(SCLK)
SPI clock frequency
20
MHz
t(SCLKLOW) Clock high time
20
ns
t(SCLKHIGH) Clock low time
20
ns
t(SDISU)
Data setup time
10
ns
t(SDIHD)
Data hold time
10
ns
t(SDODLY)
SDO delay
0
20
ns
t(SDODIS)
SDO disable
0
20
ns
t(CSSU)
CS setup
10
ns
t(CSHD)
CS hold
20
ns
t(CSHIGH)
CS pulse-width
25
ns
SPI TIMING REQUIREMENTS, VIO = 1.65V to 2.7V
f(SCLK)
SPI clock frequency
10
MHz
t(SCLKLOW) Clock high time
40
ns
t(SCLKHIGH) Clock low time
40
ns
t(SDISU)
Data setup time
10
ns
t(SDIHD)
Data hold time
10
ns
t(SDODLY)
SDO delay
0
30
ns
t(SDODIS)
SDO disable
0
30
ns
t(CSSU)
CS setup
10
ns
t(CSHD)
CS hold
20
ns
t(CSHIGH)
CS pulse-width
25
ns
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com