Electronic Components Datasheet Search
  English  ▼

X  

ADG1201BRJZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1201BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1201BRJZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADG1201BRJZ-R2 Datasheet HTML 1Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 2Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 3Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog Inputs1
VSS – 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
GND – 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, S or D
100 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current per
Channel, S or D
30 mA
Operating Temperature Range
−40°C to +125°C
Industrial (B Version)
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
6 Lead SOT-23
θJA,Thermal Impedance
229.6°C/W
θJC, Thermal Impedance
91.99°C/W
Reflow Soldering Peak
Temperature, Pb-free
260°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com