Electronic Components Datasheet Search
  English  ▼

X  

ADG1201BRJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1201BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1201BRJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1201BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 11Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 12Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 13Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 10 of 16
TEST CIRCUITS
IDS
V1
SD
VS
RON = V1/IDS
Figure 20. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Figure 21. Off Leakage
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 22. On Leakage
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
IN
VIN
S
D
50Ω
OFF ISOLATION = 20 LOG
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 23. Off Isolation
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
IN
VIN
S
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 24. Bandwidth
VOUT
RS
AUDIO PRECISION
RL
10kΩ
IN
VIN
S
D
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 25. THD + Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com