Electronic Components Datasheet Search
  English  ▼

X  

ADG1201BRJZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG1201BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1201BRJZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG1201BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 11Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 12Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 13Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 14Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 15Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 12 of 16
TERMINOLOGY
IDD
The positive supply current.
ISS
The negative supply current.
VD (VS)
The analog voltage on Terminal D and Terminal S.
RON
The ohmic resistance between D and S.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance, as measured over the specified
analog signal range.
IS (Off)
The source leakage current with the switch off.
ID (Off)
The drain leakage current with the switch off.
ID, IS (On)
The channel leakage current with the switch on.
VINL
The maximum input voltage for Logic 0.
VINH
The minimum input voltage for Logic 1.
IINL (IINH)
The input current of the digital input.
CS (Off)
The off switch source capacitance, measured with reference
to ground.
CD (Off)
The off switch drain capacitance, measured with reference
to ground.
CD, CS (On)
The on switch capacitance, measured with reference to ground.
CIN
The digital input capacitance.
tON
The delay between applying the digital control input and the
output switching on. See Figure 26.
tOFF
The delay between applying the digital control input and the
output switching off. See Figure 26.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Crosstalk
A measure of unwanted signal that is coupled through from one
channel to another as a result of parasitic capacitance.
Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.
THD + N
The ratio of the harmonic amplitude plus noise of the signal to
the fundamental.
ACPSRR (AC Power Supply Rejection Ratio)
Measures the ability of a part to avoid coupling noise and
spurious signals that appear on the supply voltage pin to the
output of the switch. The dc voltage on the device is modulated
by a sine wave of 0.62 V p-p. The ratio of the amplitude of
signal on the output to the amplitude of the modulation is
the ACPSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com