Electronic Components Datasheet Search
  English  ▼

X  

RF3220 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3220
Description  HIGH LINEARITY/DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3220 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3220 Datasheet HTML 1Page - RF Micro Devices RF3220 Datasheet HTML 2Page - RF Micro Devices RF3220 Datasheet HTML 3Page - RF Micro Devices RF3220 Datasheet HTML 4Page - RF Micro Devices RF3220 Datasheet HTML 5Page - RF Micro Devices RF3220 Datasheet HTML 6Page - RF Micro Devices RF3220 Datasheet HTML 7Page - RF Micro Devices RF3220 Datasheet HTML 8Page - RF Micro Devices RF3220 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF3220
Rev A1 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1GND
Ground connection.
2RF IN
RF input pin. This pin is not internally DC-blocked. A DC blocking capacitor
suitable for the frequency of operation should be used.
3GND
Ground connection.
4GND
Ground connection.
5GND
Ground connection.
6GND
Ground connection.
7GND
Ground connection.
8RF OUT
Amplifier output pin. This pin is an open-collector output. It must be biased
to VCC through a choke or matching inductor. This pin is typically matched
to 50
Ω with a shunt bias/matching inductor and series blocking/matching
capacitor. Refer to application schematics.
See pin 2.
9GND
Ground connection.
10
GND
Ground connection.
11
BIAS
This pin is used to control the bias current. An external resistor may be
used to set the bias current for any VPD voltage. Allows for trade-offs
between IP3 versus noise figure and TMAX.
12
GND
Ground connection.
Pkg
Base
GND
Ground connection. Vias to ground required under the package base.
RF IN
RF OUT
To Bias
Circuit
V CC
Dimensions in mm.
Shaded lead is pin 1.
0.60
0.24
TYP
0.10
C AB
M
0.30
0.18
0.50
0.75
0.50
1.25
0.95
SQ.
PIN 1 ID
R.20
0.90
0.85
2 PLCS
0.05 C
0.70
0.65
0.05
0.00
12°
MAX
-C-
SEATING
PLANE
-B-
3.00
2 PLCS
0.10 C B
2.75 SQ.
2 PLCS
0.10 C A
2 PLCS
0.10 C B
-A-
2 PLCS
0.10 C A
3.00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com