Electronic Components Datasheet Search
  English  ▼

X  

RF3220 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3220
Description  HIGH LINEARITY/DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3220 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3220 Datasheet HTML 1Page - RF Micro Devices RF3220 Datasheet HTML 2Page - RF Micro Devices RF3220 Datasheet HTML 3Page - RF Micro Devices RF3220 Datasheet HTML 4Page - RF Micro Devices RF3220 Datasheet HTML 5Page - RF Micro Devices RF3220 Datasheet HTML 6Page - RF Micro Devices RF3220 Datasheet HTML 7Page - RF Micro Devices RF3220 Datasheet HTML 8Page - RF Micro Devices RF3220 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF OUT
RF IN
GND
GND
12
11
10
9
8
7
4
5
6
1
2
3
GND
GND
RF3220
HIGH LINEARITY/DRIVER AMPLIFIER
The RF3220 is a high-efficiency GaAs Heterojunction Bipolar Transistor (HBT)
amplifier packaged in a low-cost surface-mount package. This amplifier is ideal for
use in applications requiring high-linearity and low noise figure over the 500MHz to
3GHz frequency range. The RF3220 operates from a single 5V power supply, and is
assembled in an economical 3mmx3mm QFN package.
Features
500MHz to 2GHz
+40.8dBm Output IP3
+14.2dB Gain at 1850MHz
+12.4dBm Input P1dB at
1850MHz
2.8dB Noise Figure at 1850MHz
Single 5V Power Supply
Applications
Basestation Applications
Cellular and PCS Systems
CDMA, W-CDMA Systems
GSM/EDGE Systems
Final PA for Low-Power Applica-
tions
RF3220
High Linearity/Driver Amplifier
RF3220PCBA-41X
Fully Assembled Evaluation Board
Rev A1 DS050822
RF3220High
Linear-
ity/Driver
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: QFN, 12-Pin, 3 x 3


Similar Part No. - RF3220

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3220 RFMD-RF3220 Datasheet
162Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
logo
REYCONNS CHINA LIMITED
RF3220 REYCONNS-RF3220 Datasheet
210Kb / 5P
SAW Filter
logo
RF Micro Devices
RF3220PCBA-41X RFMD-RF3220PCBA-41X Datasheet
162Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
RF3220 RFMD-RF3220_10 Datasheet
622Kb / 10P
LOW NOISE, LINEAR AMPLIFIER
More results

Similar Description - RF3220

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3220 RFMD-RF3220 Datasheet
162Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
RF3223 RFMD-RF3223 Datasheet
155Kb / 8P
HIGH LINEARITY/DRIVER AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716_15 Datasheet
625Kb / 19P
0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_15 Datasheet
637Kb / 19P
0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_16 Datasheet
637Kb / 19P
0.1 W High Linearity Driver Amplifier
logo
Qorvo, Inc
QPA9120 QORVO-QPA9120 Datasheet
1Mb / 12P
High Gain High Linearity Driver Amplifier
logo
NXP Semiconductors
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com