Electronic Components Datasheet Search
  English  ▼

X  

RF3166 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3166
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3166 Datasheet HTML 1Page - RF Micro Devices RF3166 Datasheet HTML 2Page - RF Micro Devices RF3166 Datasheet HTML 3Page - RF Micro Devices RF3166 Datasheet HTML 4Page - RF Micro Devices RF3166 Datasheet HTML 5Page - RF Micro Devices RF3166 Datasheet HTML 6Page - RF Micro Devices RF3166 Datasheet HTML 7Page - RF Micro Devices RF3166 Datasheet HTML 8Page - RF Micro Devices RF3166 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 of 16
RF3166
Rev A3 DS061031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +6.0
V
DC
Power Control Voltage (V
RAMP)
-0.3 to +2.2
V
Input RF Power
+10
dBm
Max Duty Cycle
50
%
Output Load VSWR
10:1
Operating Case Temperature
-20 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Power Control
VRAMP
Power Control “ON”
2.1
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.26
V
Min. POUT, Voltage supplied to the input
V
RAMP Input Capacitance
2
20
pF
DC to 2MHz
V
RAMP Input Current
30
μAV
RAMP =2.1 V
TX Enable “ON”
1.5
V
TX Enable “OFF”
0.5
V
GSM Band Enable
0.5
V
DCS/PCS Band Enable
1.5
V
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
3.0
4.5
V
Nominal operating limits
4.5
5.5
V
VRAMP<1.7V
Power Supply Current
1
μAPIN<-30dBm, TX Enable=Low,
Temp=-20°C to +85°C
150
mA
VRAMP=0.26V, TX Enable=High
Overall Control Signals
Band Select “Low”
0
0
0.5
V
Band Select “High”
1.5
2.0
3.0
V
Band Select “High” Current
20
50
μA
TX Enable “Low”
0
0
0.5
V
TX Enable “High”
1.5
2.0
3.0
V
TX Enable “High” Current
1
2
μA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com