Electronic Components Datasheet Search
  English  ▼

X  

RF3166 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3166
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3166 Datasheet HTML 1Page - RF Micro Devices RF3166 Datasheet HTML 2Page - RF Micro Devices RF3166 Datasheet HTML 3Page - RF Micro Devices RF3166 Datasheet HTML 4Page - RF Micro Devices RF3166 Datasheet HTML 5Page - RF Micro Devices RF3166 Datasheet HTML 6Page - RF Micro Devices RF3166 Datasheet HTML 7Page - RF Micro Devices RF3166 Datasheet HTML 8Page - RF Micro Devices RF3166 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
9
1
3
2
6
5
4
8
7
DCS/PCS
RFIN
BAND SELECT
TX ENABLE
VBATT
GND
VRAMP
GSM
RF IN
DCS/PCS
RFOUT
GSM
RFOUT
RF3166
QUAD-BAND GSM850/GSM900/DCS/PCS
POWER AMP MODULE
The RF3166 is a high-power, high-efficiency power amplifier module with integrated
power control that provides over 50dB of control range. The device is a self-con-
tained 6mmx6mm module with 50
Ω input and output terminals. The device is
designed for use as the final RF amplifier in GSM850, EGSM900, DCS and PCS
handheld digital cellular equipment and other applications in the 824MHz to
849MHz, 880MHz to 915MHz, 1710MHz to 1785MHz and 1850MHz to 1910MHz
bands. The RF3166 incorporates RFMD’s latest VBATT tracking circuit, which moni-
tors battery voltage and prevents the power control loop from reaching saturation.
The VBATT tracking circuit eliminates the need to monitor battery voltage, thereby
minimizing switching transients. The RF3166 requires no external routing or exter-
nal components, simplifying layout and reducing board space.
Features
Ultra-Small 6mmx6mm Package
Size
Integrated VREG
Complete Power Control Solution
Automatic VBATT Tracking Circuit
No External Components or Rout-
ing
Improved Power Flatness
Applications
3V Quad-Band GSM Handsets
Commercial and Consumer Sys-
tems
Portable Battery-Powered Equip-
ment
GSM850/EGSM900/DCS/PCS
Products
GPRS Class 12
Power StarTM Module
RF3166
Quad-Band GSM850/GSM900/DCS/PCS Power Amp Module
RF3166 SB
Power Amp Module 5-Piece Sample Pack
RF3166PCBA-410
Fully Assembled Evaluation Board
RF3166ASMPCBA-410Fully Assembled Evaluation Board with Antenna Switch Mod-
ule
Rev A3 DS061031
RF3166Quad-
Band
GSM850/GSM
900/DCS/PCS
Power Amp
Module
RoHS Compliant & Pb-Free Product
Package Style: Module, 6 mm x 6 mm


Similar Part No. - RF3166

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
logo
REYCONNS CHINA LIMITED
RF3166 REYCONNS-RF3166 Datasheet
249Kb / 5P
SAW Filter
logo
RF Micro Devices
RF3166ASMPCBA-410 RFMD-RF3166ASMPCBA-410 Datasheet
239Kb / 14P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
365Kb / 14P
DUAL-BAND GSM900/DCS POWER AMP MODULE
More results

Similar Description - RF3166

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com