Electronic Components Datasheet Search
  English  ▼

X  

RF3166 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3166
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3166 Datasheet HTML 2Page - RF Micro Devices RF3166 Datasheet HTML 3Page - RF Micro Devices RF3166 Datasheet HTML 4Page - RF Micro Devices RF3166 Datasheet HTML 5Page - RF Micro Devices RF3166 Datasheet HTML 6Page - RF Micro Devices RF3166 Datasheet HTML 7Page - RF Micro Devices RF3166 Datasheet HTML 8Page - RF Micro Devices RF3166 Datasheet HTML 9Page - RF Micro Devices RF3166 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6 of 16
RF3166
Rev A3 DS061031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (PCS Mode)
Temp=25°C, VBATT=3.5V,
V
RAMP=2.1 V, PIN =3dBm,
Freq=1850MHz to 1910MHz,
25% Duty Cycle, pulse width=1154
μs
Operating Frequency Range
1850 to 1910
MHz
Maximum Output Power 1
32.0
dBm
Temp=+25°C, VBATT=3.5V, VRAMP=2.1V
Maximum Output Power 2
30.0
dBm
Temp=+85°C, VBATT=3.0V, VRAMP=2.1V
Total Efficiency
46
52
%
At POUT MAX, VBATT=3.5V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-85
-80
dBm
RBW=100kHz, 1930MHz to 1990MHz, POUT
< 32dBm
Forward Isolation 1
-35
-30
dBm
TXEnable=Low, PIN=+5dBm
Forward Isolation 2
-25
-10
dBm
TXEnable=High, VRAMP=0.26V,
PIN=+5dBm
Second Harmonic
-15
-10
dBm
VRAMP=0.26V to VRAMP_RP
Third Harmonic
-30
-15
dBm
VRAMP=0.26V to VRAMP_RP
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.26V to 2.1V
Input Impedance
50
Ω
Input VSWR
2.5:1
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz
Set VRAMP where POUT<32dBm into 50Ω load
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT<32dBm into 50Ω load.
No damage or permanent degradation to part.
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pad
Power Control VRAMP
Power Control Range
45
50
dB
V
RAMP =0.26V to 2.1V
Transient Spectrum
-35
dBm
VRAMP=VRAMP_RP
Transient Spectrum Under
Extreme Conditions
-23
dBm
Temp=-20°C to +85°C, V
BATT> 3.0 V.
Ramping shape same as for Condition:
Temp=25°C, VBATT=3.5V, VRAMP=VRAMP_RP
Power Degradation from
Nominal Conditions
VBATT=3.0V to 4.5V, Temp=-20°C to +85°C,
PIN=0dBm to 5dBm,
Relative to output power for condition:
VBATT=3.5V, PIN=+3dBm, Temp=25°C,
Freq=1880MHz.
Output power variation measured at set VRAMP.
0dBm to 15dBm
-4
+4
dB
15dBm to 30dBm
-2
+2
dB
Notes:
VRAMP_RP=VRAMP set for 32dBm at nominal conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com