Electronic Components Datasheet Search
  English  ▼

X  

XB-H Datasheet(PDF) 3 Page - Cree, Inc

Part # XB-H
Description  Cree® XLamp® XB-H LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XB-H Datasheet(HTML) 3 Page - Cree, Inc

  XB-H Datasheet HTML 1Page - Cree, Inc XB-H Datasheet HTML 2Page - Cree, Inc XB-H Datasheet HTML 3Page - Cree, Inc XB-H Datasheet HTML 4Page - Cree, Inc XB-H Datasheet HTML 5Page - Cree, Inc XB-H Datasheet HTML 6Page - Cree, Inc XB-H Datasheet HTML 7Page - Cree, Inc XB-H Datasheet HTML 8Page - Cree, Inc XB-H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright © 2014-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC.
3
XLamp® XB-H LED
FLuX CHArACtEristiCs (t
J = 85 °C)
The following table provides several base order codes for XLamp XB‑H LEDs. It is important to note that the base order codes listed here
are a subset of the total available order codes for the product family. For more order codes, as well as a complete description of the
order‑code nomenclature, please consult the XLamp XB LED Family Binning and Labeling document.
Color
CCt range
Minimum Luminous Flux
@ 700 mA
Calculated
Minimum
Luminous Flux
(lm)**
@ 85 °C
order Code
Min.
Max.
Group
Flux (lm)
@ 85 °C
Flux
(lm) @
25 °C*
1.0 A
1.5 A
Cool White
5000 K
8300 K
T6
280
322
372
499
XBHAWT‑00‑0000‑000LT60E1
T5
260
299
345
463
XBHAWT‑00‑0000‑000LT50E1
T4
240
276
318
428
XBHAWT‑00‑0000‑000LT40E1
T3
220
253
292
392
XBHAWT‑00‑0000‑000LT30E1
Outdoor White
3200 K
5300 K
T6
280
322
372
499
XBHAWT‑00‑0000‑0000T60E3
T5
260
299
345
463
XBHAWT‑00‑0000‑0000T50E3
T4
240
276
318
428
XBHAWT‑00‑0000‑0000T40E3
T3
220
253
292
392
XBHAWT‑00‑0000‑0000T30E3
Neutral White
3700 K
5300 K
T5
260
299
345
463
XBHAWT‑00‑0000‑000LT50E4
T4
240
276
318
428
XBHAWT‑00‑0000‑000LT40E4
T3
220
253
292
392
XBHAWT‑00‑0000‑000LT30E4
80‑CRI Minimum
White
2600 K
4300 K
T4
240
276
318
428
XBHAWT‑00‑0000‑000HT40E5
T3
220
253
292
392
XBHAWT‑00‑0000‑000HT30E5
Warm White
2600 K
3700 K
T4
240
276
318
428
XBHAWT‑00‑0000‑0000T40E7
T3
220
253
292
392
XBHAWT‑00‑0000‑0000T30E7
T2
200
230
265
356
XBHAWT‑00‑0000‑0000T20E7
85‑CRI Minimum
White
2600 K
3200 K
T2
200
230
265
356
XBHAWT‑00‑0000‑000PT20E7
S6
182
209
242
324
XBHAWT‑00‑0000‑000PS60E7
S5
172
198
228
306
XBHAWT‑00‑0000‑000PS50E7
90‑CRI Minimum
White
2600 K
3200 K
S6
182
209
242
324
XBHAWT‑00‑0000‑000US60E7
S5
172
198
228
306
XBHAWT‑00‑0000‑000US50E7
S4
164
186
218
292
XBHAWT‑00‑0000‑000US40E7
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on
CRI measurements. See the Measurements section (page 9).
•
Typical CRI for Cool White (5000 K ‑ 8300 K CCT) is 70.
•
Typical CRI for Neutral White (3700 K ‑ 5300 K CCT) is 75.
•
Typical CRI for Warm White (2600 K ‑ 3700 K CCT) is 80.
*
Flux values @ 25 °C are calculated and for reference only.
** Calculated flux values at 1 A and 1.5 A are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com