Electronic Components Datasheet Search
  English  ▼

X  

XB-H Datasheet(PDF) 7 Page - Cree, Inc

Part # XB-H
Description  Cree® XLamp® XB-H LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XB-H Datasheet(HTML) 7 Page - Cree, Inc

Back Button XB-H Datasheet HTML 3Page - Cree, Inc XB-H Datasheet HTML 4Page - Cree, Inc XB-H Datasheet HTML 5Page - Cree, Inc XB-H Datasheet HTML 6Page - Cree, Inc XB-H Datasheet HTML 7Page - Cree, Inc XB-H Datasheet HTML 8Page - Cree, Inc XB-H Datasheet HTML 9Page - Cree, Inc XB-H Datasheet HTML 10Page - Cree, Inc XB-H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Copyright © 2014-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC.
7
XLamp® XB-H LED
tyPiCAL sPAtiAL DistriBution
tHErMAL DEsiGn
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is crucial for the end
product to be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize lamp life
and optical characteristics.
Typical Spatial Radiation Pattern
0%
20%
40%
60%
80%
100%
-90
-60
-30
0
30
60
90
Angle (º)
Thermal Design
0
200
400
600
800
1000
1200
1400
1600
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10 °C/W
Rj-a = 15 °C/W
Rj-a = 20 °C/W
Rj-a = 25 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com