Electronic Components Datasheet Search
  English  ▼

X  

XB-H Datasheet(PDF) 5 Page - Cree, Inc

Part # XB-H
Description  Cree® XLamp® XB-H LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XB-H Datasheet(HTML) 5 Page - Cree, Inc

  XB-H Datasheet HTML 1Page - Cree, Inc XB-H Datasheet HTML 2Page - Cree, Inc XB-H Datasheet HTML 3Page - Cree, Inc XB-H Datasheet HTML 4Page - Cree, Inc XB-H Datasheet HTML 5Page - Cree, Inc XB-H Datasheet HTML 6Page - Cree, Inc XB-H Datasheet HTML 7Page - Cree, Inc XB-H Datasheet HTML 8Page - Cree, Inc XB-H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright © 2014-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC.
5
XLamp® XB-H LED
ELECtriCAL CHArACtEristiCs (t
J = 85 °C)
rELAtivE FLuX vs. CurrEnt (t
J = 85 °C)
Electrical Characteristics (Tj = 25ºC)
0
300
600
900
1200
1500
2.50
2.75
3.00
3.25
Forward Voltage (V)
Relative Intensity vs. Current (Tj = 25ºC)
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
0
300
600
900
1200
1500
Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com