Electronic Components Datasheet Search
  English  ▼

X  

RF2155 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2155
Description  3V PROGRAMMABLE GAIN POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2155 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2155 Datasheet HTML 1Page - RF Micro Devices RF2155 Datasheet HTML 2Page - RF Micro Devices RF2155 Datasheet HTML 3Page - RF Micro Devices RF2155 Datasheet HTML 4Page - RF Micro Devices RF2155 Datasheet HTML 5Page - RF Micro Devices RF2155 Datasheet HTML 6Page - RF Micro Devices RF2155 Datasheet HTML 7Page - RF Micro Devices RF2155 Datasheet HTML 8Page - RF Micro Devices RF2155 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF2155
Rev B9 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1NC
Not internally connected.
2VCC1
Positive supply for the first stage (driver) amplifier. This is an unmatched
transistor collector output. This pin should see an inductive path to AC
ground (V
CC with a UHF bypassing capacitor). This inductance can be
achieved with a short, thin microstrip line (approximately equivalent to
0.4nH). At lower frequencies, the inductance value should be larger (longer
microstrip line) and V
CC should be bypassed with a larger bypass capaci-
tor. This inductance forms a matching network with the amplifier stages,
setting the amplifier's frequency of maximum gain. An additional 1
μF
bypass capacitor in parallel with the UHF bypass capacitor is also recom-
mended, but placement of this component is not as critical. A resistor of
39
Ω from this pin to pin 3 is necessary to ensure stability under extreme
output VSWR conditions.
3VCC2
Positive supply for the bias circuits. This pin should be bypassed with a sin-
gle UHF capacitor, placed as close as possible to the package.
4GND
Ground connection. Keep traces physically short and connect immediately
to the ground plane for best performance.
5GND
Same as pin 4.
6GND1
Ground return for the first stage; this should be connected to a via very
close to the device.
7RF IN
Amplifier RF input. This is a 50
Ω RF input port to the amplifier. To improve
the input match over all four gain control settings, an input inductor of
6.8nH should be added. The amplifier does not contain internal DC block-
ing and, therefore, should be externally DC blocked before connecting to
any device which has DC present or which contains a DC path to ground. A
series UHF capacitor is recommended for the DC blocking.
See pin 2.
8PD
Power down control voltage. When this pin is at 0V, the device will be in
power down mode, dissipating minimum DC power. When this pin is at 3V
the device will be in full power mode delivering maximum available gain
and output power capability. This pin should not, in any circumstance, be
higher than 3.3V. This pin should also have an external UHF and HF
bypassing capacitor.
9NC
Not internally connected.
10
NC
Not internally connected.
11
RF OUT
Amplifier RF output. This is an unmatched collector output of the final
amplifier transistor. It is internally connected to pins 11 and 14 to provide
low series inductance and flexibility in output matching. Bias for the final
power amplifier output transistor must also be provided through one of
these pins. Typically, pin 14 is used to supply bias. A transmission line of
approximately 500mils length, followed by a bypass capacitor, is adequate.
This pin can also be used to create a second harmonic trap. A UHF and
large tantalum (1
μF) capacitor should be placed on the power supply side
of the bias inductor. Pin 11 should be used for the RF output with a match-
ing network that presents the optimum load impedance to the PA for maxi-
mum power and efficiency, as well as providing DC blocking at the output.
12
GND
Same as pin 4.
13
GND
Same as pin 4.
14
RF OUT
Same as pin 11.
15
G8
RF output power gain control 8dB bit (see specification table for logic). The
control voltage at this pin should never exceed 3.3V and a logic high
should be at least 2.7V. This pin should also have an external UHF bypass-
ing capacitor.
Pin
Function
Description
Interface Schematic
RF IN
VCC1
From Bias
Stages
PD
To R F
S tag es
RF O U T
F rom B ias
S tages
Gxx
VCC2
To RF
Stages



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com