Electronic Components Datasheet Search
  English  ▼

X  

RF2155 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2155
Description  3V PROGRAMMABLE GAIN POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2155 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2155 Datasheet HTML 1Page - RF Micro Devices RF2155 Datasheet HTML 2Page - RF Micro Devices RF2155 Datasheet HTML 3Page - RF Micro Devices RF2155 Datasheet HTML 4Page - RF Micro Devices RF2155 Datasheet HTML 5Page - RF Micro Devices RF2155 Datasheet HTML 6Page - RF Micro Devices RF2155 Datasheet HTML 7Page - RF Micro Devices RF2155 Datasheet HTML 8Page - RF Micro Devices RF2155 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VCC1
VCC2
GND
GND
GND1
RF IN
PD
G16
G8
RF OUT
GND
GND
RF OUT
NC
NC
RF2155
3V PROGRAMMABLE GAIN POWER
AMPLIFIER
The RF2155 is a 3V medium power programmable gain amplifier IC. The
device is manufactured on an advanced Gallium Arsenide Heterojunction
Bipolar Transistor (HBT) process, and has been designed for use as the
final RF amplifier in analog cellular phone transmitters or ISM applications
operating at 915MHz. The device is self-contained with the exception of
the output matching network and power supply feed line. A two-bit digital
control provides 4 levels of power control, in 8dB steps.
Features
Single 3V Supply
500mW CW Output Power
31dB Small Signal Gain
Up to 60% Efficiency
Digitally Controlled Output
Power
430MHz to 930MHz Fre-
quency Range
Applications
Analog Communication Sys-
tems
900MHz Spread Spectrum
Systems
400MHz Industrial Radios
Driver Stage for Higher Power
Applications
3V Applications
RF2155
3V Programmable Gain Power Amplifier
RF2155PCBA-41X
Fully Assembled Evaluation Board
Rev B9 DS080128
RoHS Compliant & Pb-Free Product
Package Style: Standard Batwing


Similar Part No. - RF2155

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155PCBA RFMD-RF2155PCBA Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155PCBA-41X RFMD-RF2155PCBA-41X Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_06 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
More results

Similar Description - RF2155

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
RF Micro Devices
RF2155 RFMD-RF2155_06 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com