Electronic Components Datasheet Search
  English  ▼

X  

RF2155 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2155
Description  3V PROGRAMMABLE GAIN POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2155 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2155 Datasheet HTML 2Page - RF Micro Devices RF2155 Datasheet HTML 3Page - RF Micro Devices RF2155 Datasheet HTML 4Page - RF Micro Devices RF2155 Datasheet HTML 5Page - RF Micro Devices RF2155 Datasheet HTML 6Page - RF Micro Devices RF2155 Datasheet HTML 7Page - RF Micro Devices RF2155 Datasheet HTML 8Page - RF Micro Devices RF2155 Datasheet HTML 9Page - RF Micro Devices RF2155 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RF2155
Rev B9 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pout vs. Frequency, All Gain Settings
(Pin=0 dBm, Vcc=3.6 V, Vpd=3.0 V)
-5
0
5
10
15
20
25
30
870
880
890
900
910
920
930
940
950
960
Frequency (MHz)
Bit1=0;Bit2=0
Bit1=0;Bit2=1
Bit1=1;Bit2=0
Bit1=1;Bit2=1
Icc vs. Frequency, All Gain Settings
(Pin=0 dBm, Vcc=3.6 V, Vpd=3.0 V)
0
50
100
150
200
250
870
880
890
900
910
920
930
940
950
960
Frequency (MHz)
Bit1=1;Bit2=1
Bit1=1;Bit2=0
Bit1=0;Bit2=1
Bit1=0;Bit2=0
RoHS Compliant:
Y es
Pac kage total w eight in grams (g):
0.139
Complianc e Date Code:
0631
Bill of Materials Rev is ion:
-
Pb Free Category :
e3
Pb
Cd
Hg
Cr V I
PBB
PBDE
Die
000000
M o ld ing Co m pound
000000
Le ad Fr am e
000000
Die Attach Ep o xy
000000
Wir e
000000
So ld e r Platin g
000000
* DIRECTIV E 2002/95/EC OF THE EUROPEA N PA RLIA MENT A ND OF THE COUNCIL of 27 January 2003 on the res tric tion of
the us e of c ertain haz ardous s ubs tanc es in elec tric al and elec tronic equipment
RoHS* Banned Material Content
Bill o f M ate r ials
Par ts Pe r M illio n (PPM )
T h is Ro HS bann e d m ate r ial conte n t de clar ation w as pr e p ar e d s o le ly on in fo r m ation, in cluding an alytical data,
p r o vid e d to RFM D b y its s u p p lie r s , an d ap p lie s to th e Bill o f M ate r ials (BOM ) r e vis io n n o te d ab o ve .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com