Electronic Components Datasheet Search
  English  ▼

X  

RF2705G Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2705G Datasheet HTML 9Page - RF Micro Devices RF2705G Datasheet HTML 10Page - RF Micro Devices RF2705G Datasheet HTML 11Page - RF Micro Devices RF2705G Datasheet HTML 12Page - RF Micro Devices RF2705G Datasheet HTML 13Page - RF Micro Devices RF2705G Datasheet HTML 14Page - RF Micro Devices RF2705G Datasheet HTML 15Page - RF Micro Devices RF2705G Datasheet HTML 16Page - RF Micro Devices RF2705G Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13 of 26
RF2705G
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1VCC2
Supply for LO buffers, frequency doubler and dividers.
2LO HB P
High band local oscillator input (1800MHz).
In “low band FLO/2” modes the signal (LOHBP-LOHBN) undergoes a fre-
quency division of 2 to provide the low band LO signal for the modulator.
In “high band FLOx1” modes the signal (LOHBP-LOHBN) is used as the
high band LO signal for the modulator.
In “high band bypass” a modulated DCS1800/PCS1900 signal (LOHBP-
LOHBN) is switched into the RF signal path. The modulator is disabled and
the signal is routed to the RFOutHb outputs through a differential PA driver
amplifier.
The LOHBP input is AC-coupled internally.
The noise performance, carrier suppression at low output powers and side-
band suppression all vary with LO power. The optimum LO power is
between -3dBm and +3dBm. The device will work with LO powers as low as
-20dBm however this is at the expense of higher phase noise in the LO cir-
cuitry and poorer sideband suppression.
The input impedance should be externally matched to 50
Ω. The port can
be driven either differentially or single ended. The port impedance does
not vary significantly between active and power down modes.
The RF2705 is intended for use with the RF6002. This performs the GSM
GMSK modulation within a Frac-N synthesizer loop. The 8PSK EDGE and
W-CDMA signal modulations are performed in the RF2705 and uses the
RF6002’s synthesizers to generate the LO signals. The LO signal for
EDGE900 mode is derived by frequency division by 2 of the RF6002’s
DCS1800 VCO. This helps protect the system against PA pulling.
3LO HB N
The complementary LO input for both LOHBP LO signals.
In any of the modes the LOHB input may be driven either single ended or
differentially. If the LO is driven single ended then the PCB board designer
can ground this pin.
It is recommended that if this pin is grounded that it is kept isolated from
the GND1 pin and the die flag ground. All connections to any other ground
should be made through a ground plane. Poor routing of this ground signal
can significantly degrade the LO leakage performance.
See pin 2.
Modulator and
VGA
VCC2
LO HB P
LO HB N
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com