Electronic Components Datasheet Search
  English  ▼

X  

RF2705G Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 2 Page - RF Micro Devices

  RF2705G Datasheet HTML 1Page - RF Micro Devices RF2705G Datasheet HTML 2Page - RF Micro Devices RF2705G Datasheet HTML 3Page - RF Micro Devices RF2705G Datasheet HTML 4Page - RF Micro Devices RF2705G Datasheet HTML 5Page - RF Micro Devices RF2705G Datasheet HTML 6Page - RF Micro Devices RF2705G Datasheet HTML 7Page - RF Micro Devices RF2705G Datasheet HTML 8Page - RF Micro Devices RF2705G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2 of 26
RF2705G
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 3.6
V
Storage Temperature
-40 to +150
°C
Operating Ambient Temperature
-40 to +85
°C
Input Voltage, any pin
-0.5 to +3.6
V
Input Power, any pin
+5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Output Performance with Modulated Baseband Inputs
Low Band EDGE 8PSK Mode (GSM850/GSM900)
Mode=Low Band FLOx1 (see Control Logic Truth Table for Mode Control
Settings)
Output Power
VCC=2.7V, T=+25°C
Maximum Output Power with 8PSK
Modulated Signal*
Maximum VGC
0
+2.5
dBm
While meeting spectral mask
Minimum VGC
-39
-37
dBm
While meeting spectral mask
Gain Range
42
dB
Difference between output power at GC=2.0V
and GC=0.2V.
Out-of-Band Emission
Spectrum Emission Mask*
Frequency Spacing
200kHz
-36
TBD
dBc
30kHz BW
250kHz
-43
TBD
dBc
30kHz BW
400kHz
-67
TBD
dBc
30kHz BW
600kHz to 1800kHz
-73
dBc
30kHz BW
1800kHz to 3000kHz
-73
dBc
100kHz BW
3000kHz to 6000kHz
-73
dBc
100kHz BW
>6000kHz
-75
dBc
100kHz BW
Error Vector Magnitude
8PSK Modulation
RMS*
2
3
%
Origin Offset*
-40
-34
dB
Peak*
4
9
%
Output Noise
At FC±20MHz*
Relative Noise at:
Maximum Gain
-156
dBc/Hz
GC=2.0V, IQ=1.2VP-P 8PSK
-152
dBc/Hz
GC=2.0V to 1.4V
Absolute Noise at:
Maximum Gain
-156
dBm
GC=2.0V, IQ=0VP-P
All Gain Settings
-154
dBm
IQ=1.2VP-P 8PSK
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com