Electronic Components Datasheet Search
  English  ▼

X  

RF2705G Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2705G Datasheet HTML 4Page - RF Micro Devices RF2705G Datasheet HTML 5Page - RF Micro Devices RF2705G Datasheet HTML 6Page - RF Micro Devices RF2705G Datasheet HTML 7Page - RF Micro Devices RF2705G Datasheet HTML 8Page - RF Micro Devices RF2705G Datasheet HTML 9Page - RF Micro Devices RF2705G Datasheet HTML 10Page - RF Micro Devices RF2705G Datasheet HTML 11Page - RF Micro Devices RF2705G Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8 of 26
RF2705G
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Output Performance with CW Baseband Inputs
High Band Mode (DCS1800/PCS1900)
Mode=High Band FLOx1 (see Control Logic Truth Table for Mode Control
Settings)
VGA and PA Driver
VCC=2.7V, T=+25°C,
LO=1710MHz to 1910MHz at 0dBm,
IQ=800mVP-P** at 100kHz,
unless otherwise noted
Output Power 8PSK Modulated*
0
2.2
dBm
GC=2.0V, IQ=1.2VP-P 8PSK
Output Power CW
0
2
+6.0
dBm
GC=2.0V, IQ=800mVP-P at 100kHz
-1.6
dBm
GC=1.5V, IQ=800mVP-P at 100kHz
*
-17.6
dBm
GC=1.0V, IQ=800mVP-P at 100kHz
-30
dBm
GC=0.5V, IQ=800mVP-P at 100kHz
-44
-40
-37
dBm
GC=0.2V, IQ=800mVP-P at 100kHz
Gain Control Voltage Range
0.2
2.0
V
Gain Control Range
42
dB
Difference between output power at GC=2.0V
and GC=0.2V
Gain Control Slope
28
dB/V
Calculated between GC=0.5V and 1.5V
Modulator
Sideband Suppression
-45
-30
dBc
GC=2.0V, No I/Q adjustment
*
-45
-30
dBc
GC=1.5V, No I/Q adjustment
*
-45
-30
dBc
GC=1.0V, No I/Q adjustment
*
-45
-30
dBc
GC=0.5V, No I/Q adjustment
*
-45
-30
dBc
GC=0.2V, No I/Q adjustment
Carrier Suppression
-40
-34
dBc
GC=2.0V, No I/Q adjustment
-40
-34
dBc
GC=1.5V, No I/Q adjustment
*
-40
-33
dBc
GC=1.0V, No I/Q adjustment
-39
-30
dBc
GC=0.5V, No I/Q adjustment
-37
-30
dBc
GC=0.2V, No I/Q adjustment
3rd Harmonic of Modulation
Suppression at FC-3x300kHz
-50
-40
dBc
GC=2.0V
Spurious Outputs
FLOx2 Mode
Spurious Outputs at Integer
Harmonics of 1/2xFLOHB
GC=2.0V, I/Q=800mVP-P at 100kHz
FLO LB
-70.0
dBm
FLO LB leakage
4xFLO LB
-25.0
dBm
Second harmonic of carrier
6xFLO LB
-40.0
dBm
Third harmonic of carrier
Output Compression
Output P1dB*
+8.0
dBm
I/Q=100kHz
* Not tested in Production
** Provides the same output power as modulated signal with associated crest factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com