Electronic Components Datasheet Search
  English  ▼

X  

24LC024 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC024
Description  2-Kbit I2C Serial EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC024 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC024 Datasheet HTML 6Page - Microchip Technology 24LC024 Datasheet HTML 7Page - Microchip Technology 24LC024 Datasheet HTML 8Page - Microchip Technology 24LC024 Datasheet HTML 9Page - Microchip Technology 24LC024 Datasheet HTML 10Page - Microchip Technology 24LC024 Datasheet HTML 11Page - Microchip Technology 24LC024 Datasheet HTML 12Page - Microchip Technology 24LC024 Datasheet HTML 13Page - Microchip Technology 24LC024 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
24AA024/24LC024/24AA025/24LC025
DS20001210Q-page 10
 2007-2022 Microchip Technology Inc. and its subsidiaries
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the Start signal from the host, the device
code(four bits), the Chip Select bits (three bits) and
the R/W bit (which is a logic low) are placed onto the
bus by the host transmitter. The device will
acknowledge this control byte during the ninth clock
pulse. The next byte transmitted by the host is the word
address and will be written into the Address Pointer of
the
24AA024/24LC024/24AA025/24LC025.
After
receiving another Acknowledge signal from the
24AA024/24LC024/24AA025/24LC025,
the
host
device will transmit the data word to be written into the
addressed memory location. The 24AA024/24LC024/
24AA025/24LC025 acknowledges again and the host
generates a Stop condition. This initiates the internal
write cycle and, during this time, the 24AA024/
24LC024/24AA025/24LC025
will
not
generate
Acknowledge signals (Figure 6-1). If an attempt is
made to write to the protected portion of the array when
the hardware write protection (24XX024 only) has been
enabled, the device will acknowledge the command,
but no data will be written. The write cycle time must be
observed even if write protection is enabled.
6.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24AA024/24LC024/
24AA025/24LC025 in the same way as in a byte write.
However, instead of generating a Stop condition, the
host transmits up to 15 additional data bytes to the
24AA024/24LC024/24AA025/24LC025,
which
are
temporarily stored in the on-chip page buffer and will be
written into the memory once the host has transmitted
a Stop condition. Upon receipt of each word, the four
lower-order Address Pointer bits, which form the byte
counter, are internally incremented by one.
The higher-order four bits of the word address remain
constant. If the host should transmit more than 16 bytes
prior to generating the Stop condition, the Address
Pointer will roll over and the previously received data
will be overwritten. As with the byte-write operation,
once the Stop condition is received, an internal write
cycle will begin (Figure 6-2). If an attempt is made to
write to the protected portion of the array when the
hardware write protection has been enabled, the
device will acknowledge the command, but no data will
be written. The write cycle time must be observed even
if write protection is enabled.
6.3
Write Protection
The WP pin (available on 24XX024 only) must be tied
to VCC or VSS. If tied to VCC, the entire array will be
write-protected. If the WP pin is tied to VSS, write
operations to all address locations are allowed.
The WP pin is not available on the SOT-23 package.
FIGURE 6-1:
BYTE WRITE
Note:
Page write operations are limited to
writing bytes within a single physical page,
regardless of the number of bytes
actually being written. Physical page
boundaries start at addresses that are
integer multiples of the page buffer size
(or ‘page size’) and end at addresses that
are integer multiples of page size – 1. If a
page write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page, as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.
S
P
Bus Activity
Host
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
Word
Address
Data
A
C
K
A
C
K
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com