Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices RF2460 Datasheet HTML 12Page - RF Micro Devices RF2460 Datasheet HTML 13Page - RF Micro Devices RF2460 Datasheet HTML 14Page - RF Micro Devices RF2460 Datasheet HTML 15Page - RF Micro Devices RF2460 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12 of 26
RF2460
Rev B6 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Current Measurement
To measure only the current of the different circuitry in the evaluation board, use the following procedure.
First, replace the bias choke inductor at the output of the mixer (L3 for US-PCS) with a 1
Ω resistor. The voltage across the resis-
tor will represent the mixer current. Terminate all SMA connections at 50
Ω.
Second, follow the table below.
Therefore,
CONDITION
Current (mA)
VCC1
VCC2
EN
LNA Gain
Mix Gain
ICC Total
25.82
11111
LNA Off
18.77
11101
Mixer Preamp Off
14.28
11100
VCC2 Off
10.05
10100
Mixer Current
7.72
10100
LNA (Bypass)
= (Computer Simulation) =
0mA
LNA (High Gain)
=
25.82-18.77
=
7.05mA
Mixer (Preamp)
=
18.77-14.28
=
4.49mA
Mixer
=
(Measured)
=
7.70mA
Bias
=
10.05-7.7
=
2.35mA
LO Circuitry (VCC2)
=
14.28-10.05
=
4.23mA
25.82mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com