Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices RF2460 Datasheet HTML 12Page - RF Micro Devices RF2460 Datasheet HTML 13Page - RF Micro Devices RF2460 Datasheet HTML 14Page - RF Micro Devices RF2460 Datasheet HTML 15Page - RF Micro Devices RF2460 Datasheet HTML 16Page - RF Micro Devices RF2460 Datasheet HTML 17Page - RF Micro Devices RF2460 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14 of 26
RF2460
Rev B6 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Korean-PCS, IF=220MHz
ENABLE
R1
68
Ω
L3
9 nH
J2
LO IN
LNA GAIN
MIX GAIN
C8
3.6 pF
C7
7 pF
J3
IF OUT
R2
4.7 k
Ω
C10
3.6 pF
L4
120 nH
VCC1
C6
0.1
μF
***291 pS electrical delay***
***0.05 dB line loss***
C11
0.1
μF
L7
47 nH
J4
MIX IN
***399 pS electrical delay***
***0.32 dB line loss***
R3
7.5 k
Ω
R6
24 k
Ω
L8
2.2 nH
J5
LNA OUT
***358 pS electrical delay***
***0.26 dB line loss***
L9
8.2 nH
R4
510
Ω
R5
20
Ω
VCC1
C3
0.1
μF
J1
LNA IN
***C4 and C5 should be placed as
close as possible to pins 2 and 3***
***396 pS electrical delay***
***0.30 dB line loss***
***400 pS electrical delay***
***0.30 dB line loss***
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
* Represents "GND".
P2
1
2
3
CON3
P2-3
MIX GAIN
P2-2
LNA GAIN
P2-1
ENABLE
L5
82 nH
C9
2 pF
P1
1
2
3
CON3
GND
P1-1
C1
0.1
μF
VCC1
P1-3
C14
0.1
μF
VCC2
VCC1
VCC1
L6
1 nH
L1
1.6 nH
L2
10 nH
C2
1 pF
C4
0.1
μF
C5
0.1
μF
C12
22 pF
C13
0.1
μF
2460310, Rev. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com