Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 14Page - RF Micro Devices RF2460 Datasheet HTML 15Page - RF Micro Devices RF2460 Datasheet HTML 16Page - RF Micro Devices RF2460 Datasheet HTML 17Page - RF Micro Devices RF2460 Datasheet HTML 18Page - RF Micro Devices RF2460 Datasheet HTML 19Page - RF Micro Devices RF2460 Datasheet HTML 20Page - RF Micro Devices RF2460 Datasheet HTML 21Page - RF Micro Devices RF2460 Datasheet HTML 22Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18 of 26
RF2460
Rev B6 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Back
Special Instructions (Board loss, taking into consideration description in the schematic)
LNA
VCC1=VCC2=Enable=2.75V; Mix Gain=0.0V
To measure ICC LNA only:
LNA Gain was switched between 0V and 2.75V, and record the delta current.
Mixer
VCC1=VCC2=Enable=Mix Gain=2.75V; LNA Gain=0.0V
To measure ICC Mixer (LNA should be in bypass mode and LO signal should be present):
Mixer Current=Total IC Current-LO Circuitry (~4.23mA) (See “Current Measurement” section for more details)
VCC2 only affects LO current buffer and R6 doesn’t affect the mixer current.
Instructions (Board loss, taking into consideration description in the W-CDMA schematic)
LNA
ICC LNA current=total current (VCC=LNA Gain=2.75)-total current (VCC=2.75; LNA Gain=0)
To measure ICC LNA only:
LNA Gain was switched between 0V and 2.75V, and record the delta current.
Mixer
ICC Mix and Bias Current=Total Current (VCC1=EN=VCC2=Mix Gain=2.75; LNA Gain=0)-total current (VCC1=EN=2.75; Mix
Gain=LNA Gain=VCC2=0)
LO signal should be present. VCC2 only affects LO current buffer and R6 doesn’t affect the mixer current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com