Electronic Components Datasheet Search
  English  ▼

X  

PT4205 Datasheet(PDF) 11 Page - China Resources Powtech (Shanghai) Limited

Part # PT4205
Description  30V, 1.2A Step-down HB LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWTECH [China Resources Powtech (Shanghai) Limited]
Direct Link  https://www.crpowtech.com/
Logo POWTECH - China Resources Powtech (Shanghai) Limited

PT4205 Datasheet(HTML) 11 Page - China Resources Powtech (Shanghai) Limited

Back Button PT4205 Datasheet HTML 7Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 8Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 9Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 10Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 11Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 12Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 13Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 14Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 15Page - China Resources Powtech (Shanghai) Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
30V, 1.2A Step-down HB LED Driver
China Resources Powtech (Shanghai) Limited
WWW.CRPOWTECH.COM
Page 11
PT4205_DS Rev EN_1.2
PT4205
APPLICATION NOTES
Setting nominal average output current with
external resistor RS
The nominal average output current is determined by
the value of the external current sense resistor (RS)
connected between VIN and CSN and is given by:
Rs
I
OUT
/
2
.
0
)
17
.
0
(
Rs
This equation is valid when DIM pin is float or applied
with a voltage higher than 2.5V (must be less than 5V).
Actually, RS sets the maximum average current which
can be adjusted to a less one by dimming.
Output current adjustment by external DC control
voltage
The DIM pin can be driven by an external dc voltage
(VDIM), as shown, to adjust the output current to a
value below the nominal average value defined by RS.
PT4205
PT4205
VIN
CSN
SW
DIM
GND
RS
L
D
68uH
0.28Ω
3W
LED
VIN
The average output current is given by:
Rs
V
I
DIM
OUT
5
.
2
0935
.
0
)
9
.
1
5
.
0
(
V
V
V
DIM 
6
.
0
9
.
1
071
.
0
DIM
OUT
V
Rs
I
)
5
.
2
9
.
1
(
V
V
V
DIM 
Note that 100% brightness setting corresponds to:
)
5
5
.
2
(
V
V
V
DIM 
Output current adjustment by PWM control
A Pulse Width Modulated (PWM) signal with duty
cycle PWM can be applied to the DIM pin, as shown
below, to adjust the output current to a value below the
nominal average value set by resistor RS:
Rs
D
I
OUT
2
.
0
)
5
5
.
2
%,
100
0
(
V
V
V
D
pulse 
Rs
D
V
I
pulse
OUT
5
.
2
2
.
0
)
5
.
2
5
.
0
%,
100
0
(
V
V
V
D
pulse 
PT4205
PT4205
VIN
CSN
SW
DIM
GND
RS
L
D
68uH
0.28Ω
3W
LED
VIN
PWM
dimming
provides
reduced
brightness
by
modulating the LED’s forward current between 0% and
100%. The LED brightness is controlled by adjusting
the relative ratios of the on time to the off time. A 25%
brightness level is achieved by turning the LED on at
full current for 25% of one cycle. To ensure this
switching process between on and off state is invisible
by human eyes, the switching frequency must be
greater than 100 Hz. Above 100 Hz, the human eyes
average the on and off times, seeing only an effective
brightness that is proportional to the LED’s on-time
duty cycle. The advantage of PWM dimming is that the
forward current is always constant, therefore the LED
color does not vary with brightness as it does with
analog dimming. Pulsing the current provides precise
brightness control while preserving the color purity.
The dimming frequency of PT4205 can be as high as 20
kHz.
Shutdown mode
Taking the DIM pin to a voltage below 0.3V will turn
off the output and the supply current will fall to a low
standby level of 130μA nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com