Electronic Components Datasheet Search
  English  ▼

X  

PT4205 Datasheet(PDF) 13 Page - China Resources Powtech (Shanghai) Limited

Part # PT4205
Description  30V, 1.2A Step-down HB LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWTECH [China Resources Powtech (Shanghai) Limited]
Direct Link  https://www.crpowtech.com/
Logo POWTECH - China Resources Powtech (Shanghai) Limited

PT4205 Datasheet(HTML) 13 Page - China Resources Powtech (Shanghai) Limited

Back Button PT4205 Datasheet HTML 9Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 10Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 11Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 12Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 13Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 14Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 15Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 16Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 17Page - China Resources Powtech (Shanghai) Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
30V, 1.2A Step-down HB LED Driver
China Resources Powtech (Shanghai) Limited
WWW.CRPOWTECH.COM
Page 13
PT4205_DS Rev EN_1.2
PT4205
VLED is the total LED forward voltage (V)
RSW is the switch resistance (Ω ) {=0.6Ω nominal}
VD is the diode forward voltage at the required load
current (V)
Diode selection
For maximum efficiency and performance, the rectifier
(D1) should be a fast low capacitance Schottky diode
with low reverse leakage at the maximum operating
voltage and temperature.
They also provide better efficiency than silicon diodes,
due to a combination of lower forward voltage and
reduced recovery time.
It is important to select parts with a peak current rating
above the peak coil current and a continuous current
rating higher than the maximum output load current. It
is very important to consider the reverse leakage of the
diode when operating above 85°C. Excess leakage will
increase the power dissipation in the device and if close
to the load may create a thermal runaway condition.
The higher forward voltage and overshoot due to
reverse recovery time in silicon diodes will increase the
peak voltage on the SW output. If a silicon diode is
used, care should be taken to ensure that the total
voltage appearing on the SW pin including supply
ripple, does not exceed the specified maximum value.
The following web sites are useful when finding
alternatives: www.onsemi.com
Reducing output ripple
Peak to peak ripple current in the LED(s) can be
reduced, if required, by shunting a capacitor CLED
across the LED(s) as shown below:
PT4205
PT4205
VIN
CSN
SW
DIM
GND
RS
L
D
68uH
0.28Ω
3W
LED
VIN
A value of 1uF will reduce the supply ripple current by
a factor three (approx.). Proportionally lower ripple can
be achieved with higher capacitor values. Note that the
capacitor will not affect operating frequency or
efficiency, but it will increase start-up delay and reduce
the frequency of dimming, by reducing the rate of rise
of LED voltage.
By adding this capacitor the current waveform through
the LED(s) changes from a triangular ramp to a more
sinusoidal version without altering the mean current
value.
Operation at low supply voltage
The internal regulator disables the drive to the switch
until the supply has risen above the startup threshold
(VUVLO). Above this threshold, the device will start to
operate. However, with the supply voltage below the
specified minimum value, the switch duty cycle will be
high and the device power dissipation will be at a
maximum. Care should be taken to avoid operating the
device under such conditions in the application, in
order to minimize the risk of exceeding the maximum
allowed die temperature. (See next section on thermal
considerations). The drive to the switch is turned off
when the supply voltage falls below the under-voltage
threshold (VUVLO-0.2V).
This prevents the switch working with excessive 'on'
resistance under conditions where the duty cycle is
high.
Thermal considerations
When
operating
the
device
at
high
ambient
temperatures, or when driving maximum load current,
care must be taken to avoid exceeding the package
power dissipation limits. The graph below gives details
for power derating. This assumes the device to be
mounted on a 25mm2 PCB with 1oz copper standing in
still air.
Max. Power Dissipation
0
200
400
600
800
1000
1200
1400
1600
-40
-20
0
20
40
60
80
100
120
140
Ambient Temperature (Deg C)
Note that the device power dissipation will most often
be a maximum at minimum supply voltage. It will also
increase if the efficiency of the circuit is low. This may
result from the use of unsuitable coils, or excessive
parasitic output capacitance on the switch output. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com