Electronic Components Datasheet Search
  English  ▼

X  

PT4205 Datasheet(PDF) 2 Page - China Resources Powtech (Shanghai) Limited

Part # PT4205
Description  30V, 1.2A Step-down HB LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWTECH [China Resources Powtech (Shanghai) Limited]
Direct Link  https://www.crpowtech.com/
Logo POWTECH - China Resources Powtech (Shanghai) Limited

PT4205 Datasheet(HTML) 2 Page - China Resources Powtech (Shanghai) Limited

  PT4205 Datasheet HTML 1Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 2Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 3Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 4Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 5Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 6Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 7Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 8Page - China Resources Powtech (Shanghai) Limited PT4205 Datasheet HTML 9Page - China Resources Powtech (Shanghai) Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
30V, 1.2A Step-down HB LED Driver
China Resources Powtech (Shanghai) Limited
WWW.CRPOWTECH.COM
Page 2
PT4205_DS Rev EN_1.2
PT4205
PIN ASSIGNMENT
PIN DESCRIPTIONS
PIN No.
PIN
NAMES
DESCRIPTION
1
SW
Switch Output. SW is the drain of the internal N-Ch MOSFET switch.
2
GND
Signal and power ground. Connect directly to ground plane.
3
DIM
Logic level dimming input. Drive DIM low to turn off the current regulator.
Drive DIM high to enable the current regulator.
4
CSN
Current sense input
5
VIN
Input Supply Pin. Must be locally bypassed.
-
Exposed
PAD
Internally connected to GND. Mount on board for lower thermal resistance.
ESOP8 4,5,7
NC
No connection
ABSOLUTE MAXIMUM RATINGS (note1)
SYMBOL
ITEMS
VALUE
UNIT
VIN
Supply Voltage
-0.3~40
V
SW
Drain of the internal power switch
-0.3~40
V
CSN
Current sense input (Respect to VIN)
+0.3~(-6.0)
V
DIM
Logic level dimming input
-0.3~30
V
ISW
Switch output current
1.5
A
PDMAX
Power Dissipation (Note 2)
1.5
W
PTR
Thermal Resistance, SOT89-5 (θJA)
45
oC /W
PTR
Thermal Resistance, ESOP8 (θJA)
40
oC /W
TJ
Operation Junction Temperature Range
-40 to 150
oC
TSTG
Storage Temperature
-55 to 150
oC
ESD(note3)
HBM
2
kV
1
2
3
4
5
6
7
8
CSN
VIN
SW
NC
NC
GND
NC
DIM
ESOP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com