Electronic Components Datasheet Search
  English  ▼

X  

PS8802 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS8802
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8802 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS8802 Datasheet HTML 1Page - Renesas Technology Corp PS8802 Datasheet HTML 2Page - Renesas Technology Corp PS8802 Datasheet HTML 3Page - Renesas Technology Corp PS8802 Datasheet HTML 4Page - Renesas Technology Corp PS8802 Datasheet HTML 5Page - Renesas Technology Corp PS8802 Datasheet HTML 6Page - Renesas Technology Corp PS8802 Datasheet HTML 7Page - Renesas Technology Corp PS8802 Datasheet HTML 8Page - Renesas Technology Corp PS8802 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PS8802-1,-2 Data Sheet
R08DS0258EJ0100 Rev.1.00
Page 3 of 13
Dec 9, 2021
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number*1
PS8802-1
PS8802-1-AX
Pb-Free
(Ni/Pd/Au)
20 pcs (Tape 20 pcs cut)
Standard products
(UL, CSA
approved)
PS8802-1
PS8802-1-F3
PS8802-1-F3-AX
Embossed Tape 1 500 pcs/reel
PS8802-2
PS8802-2-AX
20 pcs (Tape 20 pcs cut)
PS8802-2
PS8802-2-F3
PS8802-2-F3-AX
Embossed Tape 1 500 pcs/reel
PS8802-1-V
PS8802-1-V-AX
20 pcs (Tape 20 pcs cut)
UL, CSA,
DIN EN 60747-5-5
approved
PS8802-1
PS8802-1-V-F3
PS8802-1-V-F3-AX
Embossed Tape 1 500 pcs/reel
PS8802-2-V
PS8802-2-V-AX
20 pcs (Tape 20 pcs cut)
PS8802-2
PS8802-2-V-F3
PS8802-2-V-F3-AX
Embossed Tape 1 500 pcs/reel
Notes*: 1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA/ch
Reverse Voltage
VR
5.0
V/ch
Power Dissipation*1
PD
45
mW/ch
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V/ch
Output Current
IO
8.0
mA/ch
Power Dissipation *2
PC
100
mW/ch
Isolation Voltage *3
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
− 55 to + 100
°C
Storage Temperature
Tstg
− 55 to + 125
°C
Notes*: 1. Reduced to 0.45 mW/
°C at TA = 25 °C or more.
2. Reduced to 1.00 mW/
°C at TA = 25 °C or more.
3. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output.
Pins 1-4 shorted together, 5-8 shorted together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com