Electronic Components Datasheet Search
  English  ▼

X  

PS8802 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS8802
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8802 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS8802 Datasheet HTML 1Page - Renesas Technology Corp PS8802 Datasheet HTML 2Page - Renesas Technology Corp PS8802 Datasheet HTML 3Page - Renesas Technology Corp PS8802 Datasheet HTML 4Page - Renesas Technology Corp PS8802 Datasheet HTML 5Page - Renesas Technology Corp PS8802 Datasheet HTML 6Page - Renesas Technology Corp PS8802 Datasheet HTML 7Page - Renesas Technology Corp PS8802 Datasheet HTML 8Page - Renesas Technology Corp PS8802 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PS8802-1,-2 Data Sheet
R08DS0258EJ0100 Rev.1.00
Page 5 of 13
Dec 9, 2021
Notes*: 1. Test circuit for propagation delay time
Remark: CL includes probe and stray wiring capacitance.
2. Test circuit for common mode transient immunity
Remark: CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against
static electricity when handling.
2. By-pass capacitor of 0.1
µF is used between VCC and GND near device. Also, ensure that the distance
between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
4. Avoid cleaning with Freon based or halogen-based (chlorinated etc.) solvents.
5. Do not use fixing agents or coatings containing halogen-based substances.
IF
VO
VCC = 5 V
0.1
μF
RL = 4.1 k
Ω
PS8802
−1
VCM
CL = 15 pF
IF
VO
VCC = 5 V
0.1
μF
RL = 4.1 k
Ω
PS8802
−2
VCM
SW
CL = 15 pF
90%
10%
1.5 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 16 mA)
tr
tf
IF
VO
50%
1.5 V
VOL
tPHL
tPLH
(IF = 16 mA)
Pulse Input (IF)
(PW = 1
μs,
Duty cycle = 1/10)
VO
VCC = 5 V
IF Monitor
0.1
μF
CL = 15 pF
47
Ω
RL = 2.2 k
Ω
PS8802
−1
Pulse Input (IF)
(PW = 1
μs,
Duty cycle = 1/10)
VO
VCC = 5 V
IF Monitor
0.1
μF
CL = 15 pF
47
Ω
RL = 2.2 k
Ω
PS8802
−2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com