Electronic Components Datasheet Search
  English  ▼

X  

RF2418 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2418
Description  LOW CURRENT LNA/MIXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2418 Datasheet HTML 1Page - RF Micro Devices RF2418 Datasheet HTML 2Page - RF Micro Devices RF2418 Datasheet HTML 3Page - RF Micro Devices RF2418 Datasheet HTML 4Page - RF Micro Devices RF2418 Datasheet HTML 5Page - RF Micro Devices RF2418 Datasheet HTML 6Page - RF Micro Devices RF2418 Datasheet HTML 7Page - RF Micro Devices RF2418 Datasheet HTML 8Page - RF Micro Devices RF2418 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2418
Rev A7 DS060203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1LNA IN
A series 10nH matching inductor is necessary to achieve specified gain
and noise figure at 900MHz. This pin is NOT internally DC-blocked. An
external blocking capacitor must be provided if the pin is connected to a
device with DC present. A DC path to ground (i.e. an inductor or resistor to
ground) is, however, acceptable at this pin. If a blocking capacitor is
required, a value of 22pF is recommended.
2GND
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance.
3
VDD1
Supply Voltage for the LNA only. A 22pF external bypass capacitor is
required and an additional 0.01
μF is required if no other low frequency
bypass capacitors are near by. The trace length between the pin and the
bypass capacitors should be minimized. The ground side of the bypass
capacitors should connect immediately to ground plane.
For large input signals, VDD1 may be disconnected, resulting in the LNA’s
gain changing from +11dB to -26dB and current drain decreasing by 4mA.
If the LNA is never required for use, then this pin can be left unconnected
or grounded, and Pin 11 is used as the first input.
4
VDD2
Power supply for the IF buffer amplifier. If the high impedance mixer output
is being used, then this pin is not connected.
5IF BYP
If this pin is connected to ground, an internal 10pF capacitor is connected
in parallel with the mixer output. This capacitor functions as an LO trap,
which reduces the amount of LO to IF bleed-through and prevents high LO
voltages at the mixer output from degrading the mixer’s dynamic range. At
higher IF frequencies, this capacitance, along with parasitic layout capaci-
tance, should be parallel resonated out by the choice of the bias inductor
value at pin 7. If the internal capacitor is not connected to ground, the
buffer amplifier could become unstable. A ~10pF capacitor should be
added at the output to maintain the buffer’s stability, but the gain will not
be significantly affected.
6IF2 OUT
50
Ω buffered (open source) output port, one of two output options. Pin 7
must have a bias resistor to VDD and pin 6 must have a bias resistor to
ground (see Buffered Output Application Schematic) in order to turn the
buffer amplifier on. Current drain will increase by approximately 8mA at
5V, and by approximately 5mA at 3V. It is recommended that these bias
resistors be less than 1k
Ω.
7IF1 OUT
High impedance (open drain) output port, one of two output options. This
pin must be connected to VDD through a resistor or inductor in order to
bias the mixer, even when using IF2 Output. In addition, a 0.01
μF bypass
capacitor is required at the other end of the bias resistor or inductor. The
ground side of the bypass capacitor should connect immediately to ground
plane. This output is intended to drive high impedance IF filters. The rec-
ommended matching network is shunt L, series C (see the application
schematic, high impedance output). This topology will provide matching,
bias, and DC-blocking.
8LO IN
Mixer LO input. A high-pass matching network, such as a single shunt
inductor (as shown in the application schematics), is the recommended
topology because it also rejects IF noise at the mixer input. This filtering is
required to achieve the specified noise figures. This pin is NOT internally
DC-blocked. An external blocking capacitor must be provided if the pin is
connected to a device with DC present. A DC path to ground (i.e. an induc-
tor or resistor to ground) is, however, acceptable at this pin. If a blocking
capacitor is required, a value of 22pF is recommended.
9RF BYP
Connection for the external bypass capacitor for the mixer RF input
preamp. 1000pF is recommended. The trace length between the pin and
the capacitor should be minimized. The ground side of the bypass capaci-
tor should connect immediately to ground plane.
LNA IN
IF2 OUT
IF1 OUT
LO IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com